Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC548C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC548C
Description  NPN General Purpose Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC548C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC548C Datasheet HTML 1Page - Fairchild Semiconductor BC548C Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 030V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
30
V
V(BR)CES
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
30
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = +150
°C
15
5.0
nA
µA
ON CHARACTERISTICS
hFE
DC Current Gain
VCE = 5.0 V, IC = 2.0 mA
548
548A
548B
548C
110
110
200
420
800
220
450
800
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5.0 mA
0.25
0.60
V
V
VBE(on)
Base-Emitter On Voltage
VCE = 5.0 V, IC = 2.0 mA
VCE = 5.0 V, IC = 10 mA
0.58
0.70
0.77
V
V
SMALL SIGNAL CHARACTERISTICS
hfe
Small-Signal Current Gain
IC = 2.0 mA, VCE = 5.0 V,
f = 1.0 kHz
125
900
NF
Noise Figure
VCE = 5.0 V, IC = 200
µA,
RS = 2.0 k
Ω, f = 1.0 kHz,
BW = 200 Hz
10
dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com