Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BC846
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC846 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BC846 Datasheet HTML 1Page - Fairchild Semiconductor BC846 Datasheet HTML 2Page - Fairchild Semiconductor BC846 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL
BC846/847/848/849/850
SILICON TRANSISTOR
SWITCHING AND AMPLIFIER APPLICATIONS
• Suitable for automatic insertion in thick and thin-film circuits
• LOW NOISE: BC849, BC850
• Complement to BC856 ... BC860
ABSOLUTE MAXIMUM RATINGS (TA=25
°°C)
ELECTRICAL CHARACTERISTICS (TA=25
°°C)
hFE CLASSIFICATION
MARKING CODE
Characteristic
Symbol
Rating
Unit
Collector Base Voltage
: BC846
: BC847/850
: BC848/849
Collector Emitter Voltage
: BC846
: BC847/850
: BC848/849
Emitter-Base Voltage
: BC846/847
: BC848/849/850
Collector Current (DC)
Collector Dissipation
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
TJ
TSTG
80
50
30
65
45
30
6
5
100
310
150
-65 ~ 150
V
V
V
V
V
V
V
V
mA
mW
°C
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cut-off Current
DC Current Gain
Collector Emitter Saturation Voltage
Collector Base Saturation Voltage
Base Emitter On Voltage
Current Gain Bandwidth Product
Collector Base Capacitance
Emitter Base Capacitance
Noise Figure
: BC846/847/848
: BC849/850
: BC849
: BC850
ICBO
hFE
VCE (sat)
VBE (sat)
VBE (on)
fT
CCBO
CEBO
NF
NF
VCB=30V, IE=0
VCE=5V, IC=2mA
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
VCE=5V, IC=2mA
VCE=5V, IC=10mA
VCE=5V, IC=10mA
f=100MHz
VCB=10V, f=1MHz
VEB=0.5V, f=1MHz
VCE=5V, IC=200
µA
f=1KHz, RG=2K
Ω
VCE=5V, IC=200
µA
RG=2K
Ω
f=30~15000Hz
110
580
90
200
700
900
660
300
3.5
9
2
1.2
1.4
1.4
15
800
250
600
700
720
6
10
4
4
3
nA
mV
mV
mV
mV
mV
mV
MHz
pF
pF
dB
dB
dB
dB
Classification
A
B
C
hFE
110-220
200-450
420-800
TYPE
846A
846B
846C
847A
847B
847C
848A
848B
848C
849A
849B
849C
850A
850B
850C
MARK
8AA
8AB
8AC
8BA
8BB
8BC
8CA
8CB
8CC
8DA
8DB
8DC
8EA
8EB
8EC
SOT-23
1. Base 2. Emitter 3. Collector
©1999 Fairchild Semiconductor Corporation
Rev. B


Similar Part No. - BC846

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846 PHILIPS-BC846 Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
General Semiconductor
BC846 GE-BC846 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC846 KEC-BC846 Datasheet
249Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
AUK corp
BC846 AUK-BC846 Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
logo
Infineon Technologies A...
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
More results

Similar Description - BC846

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3206R FAIRCHILD-FJNS3206R Datasheet
70Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com