Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPB8040 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPB8040
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPB8040 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPB8040 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Code
Inductance
(uH)
Inductance
TOL.(%)
Test Freq.
(KHz)
DC Resistance
(Ω) Max.
Idc1 [A] Max.
Idc2 [A] Typ.
Height
T(mm)
LPB8040T-1R0N
1.0
0.015(0.011)
11.00
5.00
LPB8040T-1R5N
1.5
0.016(0.013)
9.30
4.80
LPB8040T-2R2N
2.2
0.017(0.014)
7.60
4.60
LPB8040T-3R6N
3.6
0.022(0.017)
6.10
4.20
LPB8040T-4R7N
4.7
0.025(0.020)
5.60
4.00
LPB8040T-5R2N
5.2
0.026(0.022)
5.10
3.50
LPB8040T-6R8N
6.8
0.030(0.026)
4.40
3.40
LPB8040T-100M
10
0.055(0.041)
3.20
3.00
LPB8040T-150M
15
0.070(0.059)
2.70
2.00
LPB8040T-220M
22
0.110(0.093)
2.20
1.80
LPB8040T-330M
33
0.130(0.121)
2.00
1.60
LPB8040T-470M
47
0.170(0.159)
1.60
1.40
LPB8040T-680M
68
0.230(0.220)
1.20
1.20
▼ Test Equipments
. Inductance : Agilent E4980A LCR Meter (100KHz, 0.5V)
. Rdc : HIOKI 3540 mΩ HiTESTER
. Bias Current : Agilent 4284A + Agilent 42841A
. Idc1(The saturation current):△L ≤ 30% at rated current
. Idc2(The temperature rise) :△T = 40℃ at rated current
▼ Operating Temperature Range
-40 ~ +105℃ (including self temp. rise)
4.0 Max.
Specifications subjuct to change without notice.
±20
100
±30
▼
Electrical Characteristics
LPB8040 Series
http://www.abco.co.kr
SMD Shielded Type
▼
Shape & Dimensions / Recommended Solder Land Pattern
4.0 Max.
8.2 Max.


Similar Part No. - LPB8040

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LPB8337DT0AG LRC-LPB8337DT0AG Datasheet
626Kb / 6P
P-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LPB8615DT0AG LRC-LPB8615DT0AG Datasheet
269Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
LPB8917DT0AG LRC-LPB8917DT0AG Datasheet
872Kb / 6P
P-Channel 150-V (D-S) MOSFET Low RDS(on) trench technology
More results

Similar Description - LPB8040

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com