Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF2007T-100M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF2007T-100M
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF2007T-100M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF2007T-100M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPF2007 Series
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
▼Electrical Characteristics
( ) is typical value
Ordering Code
Inductance
Frequency
DC Resistance(Ω) Rated DC current(A)
L
(uH)
Tol.
(%)
F
(KHz)
Rdc
(Max.)
Idc1
(Max.)
Idc2
(Typ.)
LPF2007T-1R5N
1.5
±
30
100
0.30(0.23)
0.90
1.15
0.68
0.73
LPF2007T-3R3M
3.3
0.61(0.46)
0.56
LPF2007T-2R2M
2.2
±20
0.39(0.29)
0.59
LPF2007T-4R7M
4.7
0.71(0.60)
0.45
0.49
0.40
LPF2007T-100M
10
1.58(1.41)
0.30
0.32
LPF2007T-6R8M
6.8
1.07(0.85)
0.40
. Idc1(The saturation current) : △L≤ 30% reduction from nominal L value
. Idc2(The temperature rise): △T= 40℃ typical at rated DC current
▼
Test Equipments
□
Packing style
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
▼
Operating Temperature Range
-30 ~ +85℃ (Including self-generated heat)
2.0±0.15
0.7±0.1
0.92
2.3
1.4
1.4
2.3
http://www.abco.co.kr


Similar Part No. - LPF2007T-100M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2005 ABCO-LPF2005 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2005T-2R2M ABCO-LPF2005T-2R2M Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2005T-3R3M ABCO-LPF2005T-3R3M Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2005T-4R7M ABCO-LPF2005T-4R7M Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF2007T-100M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com