Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF4027T-331M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF4027T-331M
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF4027T-331M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF4027T-331M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPF4027 Series
SMD Shielded type
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
6.6 Max.
6.6 Max.
6.9
1.0
4.5
1.3
1.4
4.1
▼Electrical Characteristics
Ordering Code
Inductance
Frequency DC Resistance(Ω)
Rated DC
L
(uH)
Tol.
(%)
F
(KHz)
Rdc
(Max.)
current(A)
LPF4027T-1R5M
1.5
±20
100
0.045
2.80
LPF4027T-2R2M
2.2
0.050
1.80
LPF4027T-3R3M
3.3
0.055
1.60
LPF4027T-6R8M
6.8
0.065
1.20
LPF4027T-4R7M
4.7
0.060
1.40
LPF4027T-150M
15
0.090
0.80
LPF4027T-100M
10
0.075
1.00
LPF4027T-330M
33
0.190
0.60
LPF4027T-220M
22
0.110
0.70
LPF4027T-680M
68
0.290
0.40
LPF4027T-470M
47
0.230
0.50
LPF4027T-151M
150
0.590
0.26
LPF4027T-101M
100
0.480
0.30
LPF4027T-331M
330
1.400
0.20
LPF4027T-221M
220
0.770
0.22
LPF4027T-681M
680
2.200
0.18
LPF4027T-471M
470
1.800
0.19
LPF4027T-152M
1500
4.200
0.12
LPF4027T-102M
1000
3.400
0.15
▼
Test Equipments
□
Packing style
LPF4027T-222M
2200
8.500
0.10
LPF4027T-332M
3300
11.000
0.08
LPF4027T-472M
4700
13.900
0.06
-20 ~ +85℃ (Including self-generated heat)
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
. Idc : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc(The temperature rise): △T= 30℃ typical at rated DC current
※
Rated DC current : Idc
▼
Operating Temperature Range
220
http://www.abco.co.kr


Similar Part No. - LPF4027T-331M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF4027T-331M ABCO-LPF4027T-331M Datasheet
456Kb / 1P
SMD SHIELDED TYPE
More results

Similar Description - LPF4027T-331M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com