Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL375MC-201 Datasheet(PDF) 75 Page - Emerson Network Power

Part # PL375MC-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375MC-201 Datasheet(HTML) 75 Page - Emerson Network Power

Back Button PL375MC-201 Datasheet HTML 71Page - Emerson Network Power PL375MC-201 Datasheet HTML 72Page - Emerson Network Power PL375MC-201 Datasheet HTML 73Page - Emerson Network Power PL375MC-201 Datasheet HTML 74Page - Emerson Network Power PL375MC-201 Datasheet HTML 75Page - Emerson Network Power PL375MC-201 Datasheet HTML 76Page - Emerson Network Power PL375MC-201 Datasheet HTML 77Page - Emerson Network Power PL375MC-201 Datasheet HTML 78Page - Emerson Network Power PL375MC-201 Datasheet HTML 79Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
73
Trompeter provides cable connectors with configurations
designed to provide tough, durable terminations on specific
cables. Cable connector part numbers reference a specific
cable group number for a specific cable type, model, and/or
manufacturer. This ensures that the connector fits your cable and
provides the toughest termination available in the industry.
If you know the part number and manufacturer of your cable, you
can locate the cable's assigned cable group number using the
cable group table in the following pages.
If you have a Trompeter connector, you can determine the cable
group number by the last hyphenated suffix, (usually 1 to 3 digits).
Example: UPL220-026 = cable group number -026
If you cannot satisfy your connector requirements with the
standard cable group number, or have a special requirement,
contact your local Trompeter representative listed on the back
inside cover of this catalog, or you can visit our website at www.
EmersonConnectivity.com to find the sales rep nearest you.
Contact customer service for more information.
Note: Cables of the same type and specification may vary from
manufacturer to manufacturer. Always verify the cable group
number for your connector type and manufacturer.
The symbol -
after the part numbers listed in this catalog
indicates that you should refer to the cable group table in the
proceeding pages.
Wrench style = Wrench Crimp
Crimp style = Tool Crimp
If your cable group is not listed, contact customer service for assistance.
Cable Group Table Notes
Note: All dimensions in the proceeding Cable Group Table are in thousandths of
an inch.
Appendix
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com