Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF7044T-2R2M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF7044T-2R2M
Description  Shape & Dimensions / Recommended Solder Land Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF7044T-2R2M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF7044T-2R2M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.35
LPF7044T-681M
680
3.670
0.40
0.27
LPF7044T-471M
470
2.214
0.48
1.40
1.80
±30
±20
100
4.50
4.10
1.70
0.235
1.20
1.00
LPF7044T-150M
15
0.095
2.50
LPF7044T-220M
22
LPF7044T-470M
47
LPF7044T-330M
LPF7044T-2R2M
2.2
0.022
5.90
LPF7044T-1R0N
1.0
0.017
6.90
33
LPF7044T-102M
1000
LPF7044 Series
SMD Shielded type
L(uH)
Tol.(%)
LPF7044T-4R7M
4.7
0.32
0.23
▼
Operating Temperature Range
-40 ~ +105℃ (Including self-generated heat)
. Idc1 : Agilent 4284A LCR Meter + Agilent 42841A Bias Current Source
. Idc2 : Yokogawa DR130 Hybrid Recorder + Agilent 6692A DC Power Supply
▼
Test Condition
. L(Frequency , Voltage) : F=100 (KHz) , V=0.5 (V)
. Idc2(The temperature rise): △T= 40℃ typical at rated DC current
. Idc1(The saturation current) : △L≤ 20% reduction from initial L value
※
Rated DC current(Idc) : The value of Idc1 or Idc2 , whichever is smaller
▼
Test Equipments
□
Packing style
▼Shape & Dimensions / Recommended Solder Land Pattern
(Dimensions in mm)
F
(KHz)
Idc1
(Max.)
OrderingCode
Idc2
(Typ.)
4.00
Rdc
±
20%
3.60
Inductance
4.450
0.037
0.114
2.00
0.160
1.60
Rated DC current(A)
DC Resistance(Ω)
Frequency
3.00
. L : Agilent E4980A Precision LCR Meter
T : Taping
B : Bulk
. Rdc : HIOKI 3540 mΩ HiTESTER
▼Electrical Characteristics
LPF7044T-3R3M
3.3
0.034
4.80
2.20
LPF7044T-100M
10
0.069
3.00
0.45
0.80
LPF7044T-101M
100
0.453
0.90
LPF7044T-331M
330
1.529
0.50
0.48
LPF7044T-221M
220
1.090
0.70
2.80
LPF7044T-680M
68
0.313
1.10
0.95
LPF7044T-6R8M
6.8
0.042
3.80
0.65
LPF7044T-151M
150
0.687
0.80
http://www.abco.co.kr
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
※ Marking : White
7.0±0.2
4.5 Max.
1.5
2.75
3.0
1.85
4.1 7.8
2.4


Similar Part No. - LPF7044T-2R2M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7045 ABCO-LPF7045 Datasheet
454Kb / 1P
SMD SHIELDED TYPE
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045-C ABCO-LPF7045-C_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF7044T-2R2M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPC5020 ABCO-LPC5020 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1040 ABCO-LPF1040 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF1260 ABCO-LPF1260 Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2015-C ABCO-LPF2015-C Datasheet
105Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF2810 ABCO-LPF2810 Datasheet
106Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6027 ABCO-LPF6027 Datasheet
115Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7032 ABCO-LPF7032_12 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045 ABCO-LPF7045 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPL0411 ABCO-LPL0411_12 Datasheet
101Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPN1040 ABCO-LPN1040_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com