Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB152 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # DB152
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DB152 Datasheet(HTML) 1 Page - Leshan Radio Company

  DB152 Datasheet HTML 1Page - Leshan Radio Company DB152 Datasheet HTML 2Page - Leshan Radio Company DB152 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
DB152 Thru DB157
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Reverse Voltage 100 to 1000V
Forward Current 1.5 A
FEATURES
l
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
l
High current capacity with small package
l
Glass passivated chip junctions
l
Superior thermal conductivity
l High IFSM
1. Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter Symbol
Symbol
DB152
DB153
DB154
DB155
DB156
DB157
Unit
Maximum repetitive voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum DC reverse current TA=25 ℃
5
at rated DC blocking voltage TA=125℃
IR
500
µA
Average rectified forward current
60Hz Sine
wave Resistance load
with
Ta=55℃
Io
1.5
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
IFSM
60
A
Max instantaneous forward voltage at 1.5A
VF
1.05
V
Current Squared Time
I
2
t
10
A
2
sec
Operating junction temperature
TJ
-55~150
℃
Storage temperature
Tstg
-55~150
℃


Similar Part No. - DB152

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB152 SURGE-DB152 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rectron Semiconductor
DB152 RECTRON-DB152 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB152 DCCOM-DB152 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
DB152 FORMOSA-DB152 Datasheet
34Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
DB152 FORMOSA-DB152 Datasheet
62Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
More results

Similar Description - DB152

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D2KB10 LRC-D2KB10 Datasheet
228Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D3KB10 LRC-D3KB10 Datasheet
190Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com