Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2SC1623QLT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SC1623QLT3G
Description  General Purpose Transistors Pb-Free packkage is available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SC1623QLT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SC1623QLT3G Datasheet HTML 1Page - Leshan Radio Company L2SC1623QLT3G Datasheet HTML 2Page - Leshan Radio Company L2SC1623QLT3G Datasheet HTML 3Page - Leshan Radio Company L2SC1623QLT3G Datasheet HTML 4Page - Leshan Radio Company L2SC1623QLT3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
50
V
Collector-Base Voltage
VCBO
60
V
Emitter-Base Voltage
VEBO
7V
Collector current-continuoun
IC
150
mAdc
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board, (1)
PD
225
mW
1.8
mW/oC
Thermal Resistance, Junction to Ambient
R
θJA
556
oC/W
PD
300
mW
2.4
mW/oC
Thermal Resistance, Junction to Ambient
R
θJA
417
oC
/W
Junction and Storage Temperature
Tj ,Tstg
-55 to +150
oC
DEVICE MARKING
L2SC1623QLT1G=L5
L2SC1623RLT1G=L6
L2SC1623SLT1G=L7
ELECTRICAL CHARACTERISTICS (TA
=25oC unless otherwise noted)
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector Cutoff Current (VCB=60V)
I CBO
-
-
0.1
µA
Emitter Cutoff Current (VBE=5V)
I EBO
0.1
µA
Characteristic
Total Device Dissipation
Derate above 25
oC
Rating
TA=25
oC
Derate above 25
oC
Alumina Substrate, (2) TA=25
oC
Characteristic
1
3
2
SOT– 23
General Purpose Transistors
2
EMITTER
3
COLLECTOR
1
BASE
LESHAN RADIO COMPANY, LTD.
Pb-Free pack
kage is available
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
L2SC1623QLT3G
L5
L2SC1623RLT3G
L6
L2SC1623SLT3G
L7
3000/Tape&Reel
10000/Tape&Reel
10000/Tape&Reel
Shipping
3000/Tape&Reel
10000/Tape&Reel
3000/Tape&Reel
L2SC1623QLT1G
L5
L2SC1623RLT1G
L6
L2SC1623SLT1G
L7
L2SC1623QLT1G
Series
Rev.O 1/5


Similar Part No. - L2SC1623QLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SC1623QLT1G LRC-L2SC1623QLT1G_15 Datasheet
324Kb / 5P
General Purpose Transistors
More results

Similar Description - L2SC1623QLT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR130T1G LRC-LMBR130T1G Datasheet
201Kb / 4P
Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0520T1G LRC-LMBR0520T1G Datasheet
155Kb / 3P
Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0530T1G LRC-LMBR0530T1G Datasheet
203Kb / 4P
Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0540T1G LRC-LMBR0540T1G Datasheet
255Kb / 5P
Surface Mount Schottky Power Rectifier Pb-Free package is available
LSBTH10T1G LRC-LSBTH10T1G Datasheet
552Kb / 7P
VHF/UHF Transistors Pb-Free Package is Available.
LSSBTH10T1G LRC-LSSBTH10T1G Datasheet
550Kb / 7P
VHF/UHF Transistors Pb-Free Package is Available.
logo
TT Electronics.
NAS TTELEC-NAS Datasheet
631Kb / 3P
Pb-free option is RoHS compliant
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
Pb?묯ree Package is Available
logo
Intersil Corporation
EL8202 INTERSIL-EL8202 Datasheet
582Kb / 16P
Pb-free plus anneal available
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
Pb-Free package is available
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com