Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VKA100 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # VKA100
Description  100 Watt Adjustable Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VKA100 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  VKA100 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. VKA100 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. VKA100 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. VKA100 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2.28
[57.91]
MAX
1.000
[25.40]
1.400
[35.56]
2.000
[50.80]
0.19 [4.8]
0.20 [5.1]
0.50 [12.7]
0.40 [10.16]
0.530 MAX
[13.46]
0.20 [5.1]
.040 [1.02] DIA.
7 PLACES
.081 [2.06] DIA.
2 PLACES
1.400
[35.56]
1.000
[25.40]
0.700
[17.78]
.400 [10.16]
1.900
[48.26]
MOUNTING INSERTS M3 X 0.5 THRU, 4 PLACES
MAX. TORQUE, 8 IN/LBS
2.40
[61.0]
MAX
MECHANICAL
NOTES:
All dimensions are in inches (millimeters).
PIN PLACEMENT TOLERANCE: ± 0.005”
MECHANICAL TOLERANCE: ± 0.015”
Marked with: specific modeL ordered, date code, job
code.
MATERIAL: Units are encapsulated in a low thermal
resistance molding compound which has excellent chemical
resistance and electrical properties in high humidity
environments and over a wide operating temperature
range. The encapsulant and outer shell of the unit have
UL94V-0 ratings. Lead material is solder plated to allow
ease of solderability.
This feature allows the user to accurately adjust the module’s
output voltage set point to a specified level. This is achieved
by connecting a resistor or potentiometer from the TRIM
terminal to either the +Vout terminal (for increased Vout) or
the -Vout terminal (for decreased Vout). The formulae below
describe the trim resistor value to obtain a Vout change of
Δ%. VO is output voltage prior to adjustment (3.3V, 5V, 12V,
15V, or 24V).
Radj - up =
( Vo(100 + Δ%) _ (100 + 2Δ%) ) kΩ
1.225
Δ%
Δ%
Radj - down =
(100 - 2) kΩ
Δ%
OUTPUT ADJUST VOLTAGE
Special attention should be given to the peak voltage
deviation during a dynamic load step when trimming the
output above the original set point to avoid tripping the
overvoltage protection circuit. Should an OVP condition
occur, the converter will go into a latch condition and
must be externally reset before it will return to normal
operation.
OVP NOTE
email: sales@murata-ps.com
04 May 2011 VKA100C.BO5 Page 4 of 4
VKA100
100 Watt Adjustable Output DC/DC Converter
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2011 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
www.murata-ps.com/locations



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com