Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6070BAUT21 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6070BAUT21
Description  Low-Noise, High-Precision Series Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6070BAUT21 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6070BAUT21 Datasheet HTML 1Page - Maxim Integrated Products MAX6070BAUT21 Datasheet HTML 2Page - Maxim Integrated Products MAX6070BAUT21 Datasheet HTML 3Page - Maxim Integrated Products MAX6070BAUT21 Datasheet HTML 4Page - Maxim Integrated Products MAX6070BAUT21 Datasheet HTML 5Page - Maxim Integrated Products MAX6070BAUT21 Datasheet HTML 6Page - Maxim Integrated Products MAX6070BAUT21 Datasheet HTML 7Page - Maxim Integrated Products MAX6070BAUT21 Datasheet HTML 8Page - Maxim Integrated Products MAX6070BAUT21 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MAX6070/MAX6071
Low-Noise, High-Precision Series
Voltage References
5
Maxim Integrated
ELECTRICAL CHARACTERISTICS—MAX607__AUT21 (VOUT = 2.048V) (continued)
(VIN = +5.0V, IOUT = 0mA, COUT = 0.1µF, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation
0mA < IOUT < 10mA, sink
135
225
µV/mA
0mA < IOUT < 10mA, source
135
225
Output Current
IOUT
-10
+10
mA
Short-Circuit Current
ISC
Sourcing to ground
25
mA
Sinking from VIN
25
Long-Term Stability
1000 hours at TA = +25°C
35
ppm
Thermal Hysteresis
(Note 5)
85
ppm
DYNAMIC CHARACTERISTICS
Noise Voltage
eOUT
1/f noise, 0.1Hz to 10Hz, COUT = 0.1µF
6.4
µVP-P
MAX6071 thermal noise, 10Hz to 10kHz
COUT = 0.1µF
8.6
µVRMS
MAX6070 thermal noise, 10Hz to 10kHz
COUT = 0.1µF, CFILTER = 0.1µF
6.3
Ripple Rejection
Frequency = 60Hz
86
dB
Turn-On Settling Time
tR
Settling to 0.01%
COUT = 0.1µF
MAX6070
CFILTER = 0.1µF
6.2
ms
MAX6071
25
µs
Enable Settling Time
tEN
Settling to 0.01%
COUT = 0.1µF
MAX6070
CFILTER = 0.1µF
6.2
ms
MAX6071
65
µs
Capacitive-Load Stability
Range
IOUT ≤10mA
0.1
10
µF
INPUT
Supply Voltage
VIN
Guaranteed by line regulation
2.7
5.5
V
Quiescent Supply Current
IIN
TA = +25°C
130
200
µA
TA = TMIN to TMAX
260
Shutdown Supply Current
ISD
6
µA
ENABLE
Enable Input Current
IEN
-1
+1
µA
Enable Logic-High
VIH
0.7 x VIN
V
Enable Logic-Low
VIL
0.3 x VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com