Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9015QLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L9015QLT1G
Description  General Purpose Transistors PNP Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9015QLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  L9015QLT1G Datasheet HTML 1Page - Leshan Radio Company L9015QLT1G Datasheet HTML 2Page - Leshan Radio Company L9015QLT1G Datasheet HTML 3Page - Leshan Radio Company L9015QLT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
ELECTRICAL CHARACTERISTICS (TA
=25
oC unless otherwise noted)
OFF CHARACTERISTICS
Symbol
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
V(BR)
CEO
-45
-
-
V
(IC=-1.0mA)
Emitter-Base Breakdown Voltage
V(BR)EBO
(IE=-100µA)
Collector-Base Breakdown Voltage
V(BR)CBO
-50
-
-
V
(IC=-100µA)
Collector Cutoff Current (VCB=-40V)
I CBO
-
-
-100
nA
Emitter Cutoff Current (VEB=-3V)
I EBO
-100
nA
ON CHARACTERISTICS
DC Current Gain
(IC=-1mA, VCE=-5V)
H FE
150
-
600
Collector-Emitter Saturation Voltage
(IC=-100mA,IB=-5mA)
V CE
-
-
-0.3
V
NOTE:
*
Q
R
S
HFE
150~300
200~400
300~600
Characteristic
L9015QLT1G Series
-5
-
-
V
Rev.O 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com