Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLMS3000-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLMS3000-GS08
Description  Low Current SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMS3000-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLMS3000-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMS3000-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMS3000-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMS3000-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMS3000-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMS3000-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMS3000-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMS3000-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMS3000-GS08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 81322
Rev. 1.2, 01.-Dec-09
Vishay Semiconductors
VLMO30.., VLMS30.., VLMY30..
For technical support, please contact: LED@vishay.com
Note:
1) T
amb = 25 °C, unless otherwise specified
2) Driving the LED in reverse direction is suitable for short term application
VLMS30J1L2-GS08
Super red, IV = (4.5 to 18) mcd
AllnGaP
VLMS30J1L2-GS18
Super red, IV = (4.5 to 18) mcd
AllnGaP
VLMS30J2K2-GS08
Super red, IV = (5.6 to 11.2) mcd
AllnGaP
VLMS30J2K2-GS18
Super red, IV = (5.6 to 11.2) mcd
AllnGaP
VLMS30K2L2-GS08
Super red, IV = (9 to 18) mcd
AllnGaP
VLMO3000-GS08
Orange, IV > 5.6 mcd
AlInGaP
VLMO3000-GS18
Orange, IV > 5.6 mcd
AlInGaP
VLMO30K1L2-GS08
Orange, IV = (7.1 to 18) mcd
AlInGaP
VLMO30K1L2-GS18
Orange, IV = (7.1 to 18) mcd
AlInGaP
VLMO30L1M2-GS08
Orange, IV = (11.2 to 28) mcd
AlInGaP
VLMO30L1M2-GS18
Orange, IV = (11.2 to 28) mcd
AlInGaP
VLMO30K1M2-GS08
Orange, IV = (7.1 to 28) mcd
AlInGaP
VLMO30K1M2-GS18
Orange, IV = (7.1 to 28) mcd
AlInGaP
VLMY3000-GS08
Yellow, IV > 4.5 mcd
AlInGaP
VLMY3000-GS18
Yellow, IV > 4.5 mcd
AlInGaP
VLMY3001GS08
Yellow, IV = (7.1 to 18) mcd
AlInGaP
VLMY3001-GS18
Yellow, IV = (7.1 to 18) mcd
AlInGaP
VLMY30J2L1-GS08
Yellow, IV = (5.6 to 14) mcd
AlInGaP
VLMY30J2L1-GS18
Yellow, IV = (5.6 to 14) mcd
AlInGaP
VLMY30K2M1-GS08
Yellow, IV = (9 to 22.4) mcd
AlInGaP
VLMY30K2M1-GS18
Yellow, IV = (9 to 22.4) mcd
AlInGaP
VLMY30J2M1-GS08
Yellow, IV = (5.6 to 22.4) mcd
AlInGaP
VLMY30J2M1-GS18
Yellow, IV = (5.6 to 22.4) mcd
AlInGaP
ABSOLUTE MAXIMUM RATINGS 1) VLM30..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage 2)
VR
6V
DC forward current
IF
15
mA
Surge forward current
tp ≤ 10 µs
IFSM
0.1
A
Power dissipation
PV
40
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Thermal resistance junction/
ambient
Mounted on PC board
(pad size > 16 mm2)
RthJA
400
K/W
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com