Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1245 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1245
Description  Embossed Copper Foil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1245 Datasheet(HTML) 1 Page - 3M Electronics

  1245 Datasheet HTML 1Page - 3M Electronics 1245 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1245 Tape
Embossed Copper Foil
Data Sheet
Product Description
3M
™ 1245 Tape consists of an embossed 1-
ounce deadsoft copper foil backing and an
aggressive pressure-sensitive acrylic adhesive.
The edges of the embossed pattern pressed
into the foil cut through the adhesive layer to
establish reliable metal-to-metal contact
between the backing and the application
substrate.
• Embossed deadsoft 1-ounce copper foil
backing
• Conductivity “through the adhesive”
• Supplied on a removable liner for easy
handling and diecutting
Like all 3M shielding tapes, 3M 1245 is
available in standard and custom widths and
lengths. Standard length is 18 yards.
• Widths from 1/4” to 23”
• Longer lengths up to several times normal
length, dependent upon width. Check with
Customer Service.
Applications
3M 1245 Tape is typically used for
applications requiring excellent electrical
conductivity from the application substrate
through the adhesive to the foil backing.
Common uses include grounding and EMI
shielding in equipment, components, shielded
rooms, etc. The copper foil backing is
solderable and resists oxidation and
discoloration.
Shielding Effectiveness
Many factors determine the true shielding
effectiveness of a shielding tape, including
type and thickness of foil, adhesive type,
intimacy of contact, smoothness of application
surface, strength and frequency of the EMI
signal, etc. However, using standard tests and
fixtures, it is possible to determine a value for
the attenuation.
For 3M 1245 Tape, typical shielding
effectiveness (far field) is in the range of 75dB
to 85dB (30 MHz to 1 GHz).
Properties
Typical Values
Backing thickness
1
1.4 mil (0,04mm)
Total thickness (backing plus adhesive)
4.0 mil (.101mm)
Breaking strength
1
25 lb./in (44 N/10mm)
Adhesion to steel
1
35 oz/in (3,8 N/10mm)
Electrical resistance through adhesive
2
0.001 ohm
Flame retardancy
3
Pass
* Footnote: 1. Test method ASTM D 1000
2. MIL-STD-202 Method 307 maintained at 5 psi (3,4 N/cm
2) measured over 1 in2 surface area. The edges of the
embossing pattern in the foil backing penetrate through the nonconductive adhesive to make metal-to-metal contact
with the application substrate.
3. UL-recognized for flame retardancy per UL 510, Product Category 0ANZ2, File E17385.


Similar Part No. - 1245

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1245 ETC2-1245 Datasheet
1Mb / 16P
Drywall Punch
logo
3M Electronics
1245 3M-1245 Datasheet
4Mb / 12P
3M??EMI/EMC Electronic Materials
logo
CUI INC
1245-0003R CUI-1245-0003R Datasheet
78Kb / 2P
AMT 102 BASE
logo
3M Electronics
1245-3 3M-1245-3 Datasheet
25Kb / 2P
Embossed Copper Foil
logo
List of Unclassifed Man...
12450 ETC2-12450 Datasheet
271Kb / 2P
STATFREE FOAM, CONDUCTIVE
More results

Similar Description - 1245

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM3P-62P HIROSE-TM3P-62P Datasheet
320Kb / 5P
MODULAR CONNECTORS(Plug for copper foil, stranded wire flat type cable)
logo
3M Electronics
3-6-1125 3M-3-6-1125 Datasheet
91Kb / 2P
Copper Foil with Acrylic Adhesive
80011181049 3M-80011181049 Datasheet
20Kb / 3P
1181 Tape Copper Foil with Conductive Adhesive
logo
Kingboard Laminates Hol...
KB-7150 KINGBOARD-KB-7150 Datasheet
231Kb / 2P
Copper-clad foil glass felt composite laminate
logo
3M Electronics
1181 3M-1181 Datasheet
107Kb / 2P
Copper Foil with Conductive Adhesive
1183 3M-1183 Datasheet
66Kb / 2P
Tin-Plated Copper Foil with Conductive Adhesive Tape 1183
3325 3M-3325 Datasheet
29Kb / 2P
1.5 Mil Copper Foil Tape
3313 3M-3313 Datasheet
29Kb / 2P
Conductive Copper Foil Tape
33316 3M-33316 Datasheet
29Kb / 2P
Electrically Conductive Tinned Copper Foil
1194 3M-1194 Datasheet
21Kb / 2P
Copper Foil with Nonconductive Adhesive
1998
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com