Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-101007 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # MS-101007
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-101007 Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button MS-101007 Datasheet HTML 2Page - Amphenol Corporation MS-101007 Datasheet HTML 3Page - Amphenol Corporation MS-101007 Datasheet HTML 4Page - Amphenol Corporation MS-101007 Datasheet HTML 5Page - Amphenol Corporation MS-101007 Datasheet HTML 6Page - Amphenol Corporation MS-101007 Datasheet HTML 7Page - Amphenol Corporation MS-101007 Datasheet HTML 8Page - Amphenol Corporation MS-101007 Datasheet HTML 9Page - Amphenol Corporation MS-101007 Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
4
General Description
These electrical connectors are designated MS
because the interchangeability and operating
characteristics are determined by U.S. Military
Specifications. These specifications are revised
from time to time to incorporate performance
requirements dictated by design advances and
more stringent requirements of allied equipment.
The several designations of MS and 97B
connectors meet different requirements of MIL-
C-5015. These designations and general
descriptions are as follows :
Shell
Shell constructions include solid back shell (A)
and environmental resistant (E, F & R).
Environmental resistant connectors provide a
moisture barrier and assure a positive seal. Shell
styles consist of wall type receptacles (3100),
cable receptacles (3101), box receptacles
(3102), straight plugs (3106) and angle plugs
(3108). Shell hardware is manufactured from
aluminium alloy and cadmium plated with olive
drab chromate finish. This finish has excellent
conductivity; it is non-reflecting and corrosion
resistant. Black anodised finish and cadmium-
free zinc plating with olive drab chromate finish
are also available. For details, contact factory.
Contacts
Pin and socket contacts are of brass and
generally silver plated. Gold plating is also
available. For details contact factory. These
contacts are available for solder or crimp
termination. Special arrangements of contacts
for pre-mating and pre-earth are also available.
Inserts and grommet
Synthetic inserts and grommet manufactured
according to MIL-R-3065, offer high dielectric
strength and are resistant to oils, gasoline and low
temperature. DAP is dimensionally stable, has high
arc resistance and high insulation resistance under
both humidity and thermal stress.
General description
Plugs are available in A, F and R types. Receptacles
are available in A, E, F and R types.
A Solid back shell
Intended for general service usage to provide
convenient means of connecting and disconnecting
electrical circuits in industrial and military
applications.
Environmental resisting
Intended for use where the connector will be subject
to heavy condensation and rapid changes in
temperature or pressure and/or where the connector
is subjected to high vibratory conditions.
E
Environmental resisting with grommet seal and
strain relief backshell except for 3102 type.
F
Environmental resisting with grommet seal,
strain relief backshell and front gasket seal for plug
type.
R
Environmental resisting with grommet seal,
shorter and lightweight.
Features for 97B reverse bayonet coupling connectors
with Mil-C-5015 insert patterns:
Quick positive coupling
Audible and tactile indication of full coupling
Waterproof
No lockwiring required
High shock and vibration capabilities
Operating temperature range with Neoprene
0
0
inserts: -55 C to +125 C
Insert available in Neoprene material (alternate
inserts materials available upon request)
Available in both crimp and solder terminations
Contacts available in gold and silver plating
Numerous finishes available
Zinc alloy plating (cadmium free) available
500 couplings minimum
Rugged construction; aluminum or stainless
steel components
Intermateable with existing VG95234
connectors
MS And 97B Series
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com