Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD736ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD736ARZ
Description  Low Cost, Low Power, True RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736ARZ Datasheet(HTML) 1 Page - Analog Devices

  AD736ARZ Datasheet HTML 1Page - Analog Devices AD736ARZ Datasheet HTML 2Page - Analog Devices AD736ARZ Datasheet HTML 3Page - Analog Devices AD736ARZ Datasheet HTML 4Page - Analog Devices AD736ARZ Datasheet HTML 5Page - Analog Devices AD736ARZ Datasheet HTML 6Page - Analog Devices AD736ARZ Datasheet HTML 7Page - Analog Devices AD736ARZ Datasheet HTML 8Page - Analog Devices AD736ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Cost, Low Power,
True RMS-to-DC Converter
Data Sheet
AD736
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1988–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Converts an ac voltage waveform to a dc voltage and then
converts to the true rms, average rectified, or absolute value
200 mV rms full-scale input range (larger inputs with input
attenuator)
High input impedance: 1012 Ω
Low input bias current: 25 pA maximum
High accuracy: ±0.3 mV ± 0.3% of reading
RMS conversion with signal crest factors up to 5
Wide power supply range: +2.8 V, −3.2 V to ±16.5 V
Low power: 200 µA maximum supply current
Buffered voltage output
No external trims needed for specified accuracy
Related device: the AD737—features a power-down control
with standby current of only 25 μA; the dc output voltage
is negative and the output impedance is 8 kΩ
GENERAL DESCRIPTION
The AD736 is a low power, precision, monolithic true rms-to-
dc converter. It is laser trimmed to provide a maximum error of
±0.3 mV ± 0.3% of reading with sine wave inputs. Furthermore,
it maintains high accuracy while measuring a wide range of
input waveforms, including variable duty-cycle pulses and triac
(phase)-controlled sine waves. The low cost and small size of
this converter make it suitable for upgrading the performance
of non-rms precision rectifiers in many applications. Compared
to these circuits, the AD736 offers higher accuracy at an equal
or lower cost.
The AD736 can compute the rms value of both ac and dc input
voltages. It can also be operated as an ac-coupled device by
adding one external capacitor. In this mode, the AD736 can
resolve input signal levels of 100 μV rms or less, despite variations
in temperature or supply voltage. High accuracy is also maintained
for input waveforms with crest factors of 1 to 3. In addition,
crest factors as high as 5 can be measured (introducing only 2.5%
additional error) at the 200 mV full-scale input level.
The AD736 has its own output buffer amplifier, thereby pro-
viding a great deal of design flexibility. Requiring only 200 µA
of power supply current, the AD736 is optimized for use in
portable multimeters and other battery-powered applications.
FUNCTIONAL BLOCK DIAGRAM
CC
8kΩ
–VS
CAV
COM
VIN
CAV
OUT
FULL WAVE
RECTIFIER
RMS
CORE
8kΩ
CF
(OPT)
CF
BIAS
SECTION
+VS
Figure 1.
The AD736 allows the choice of two signal input terminals: a
high impedance FET input (1012 Ω) that directly interfaces with
High-Z input attenuators and a low impedance input (8 kΩ) that
allows the measurement of 300 mV input levels while operating
from the minimum power supply voltage of +2.8 V, −3.2 V. The
two inputs can be used either single ended or differentially.
The AD736 has a 1% reading error bandwidth that exceeds
10 kHz for the input amplitudes from 20 mV rms to 200 mV rms
while consuming only 1 mW.
The AD736 is available in four performance grades. The
AD736J and AD736K grades are rated over the 0°C to +70°C
and −20°C to +85°C commercial temperature ranges. The
AD736A and AD736B grades are rated over the −40°C to +85°C
industrial temperature range. The AD736 is available in three
low cost, 8-lead packages: PDIP, SOIC, and CERDIP.
PRODUCT HIGHLIGHTS
1. The AD736 is capable of computing the average rectified
value, absolute value, or true rms value of various input signals.
2. Only one external component, an averaging capacitor, is
required for the AD736 to perform true rms measurement.
3. The low power consumption of 1 mW makes the AD736
suitable for many battery-powered applications.
4. A high input impedance of 1012 Ω eliminates the need for an
external buffer when interfacing with input attenuators.
5. A low impedance input is available for those applications that
require an input signal up to 300 mV rms operating from low
power supply voltages.


Similar Part No. - AD736ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD736ARZ AD-AD736ARZ Datasheet
479Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736ARZ-R7 AD-AD736ARZ-R7 Datasheet
479Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736ARZ-RL AD-AD736ARZ-RL Datasheet
479Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results

Similar Description - AD736ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
AD736 AD-AD736 Datasheet
218Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
AD737 AD-AD737 Datasheet
149Kb / 8P
Low Cost, Low Power, True RMS-to-DC Converter
REV.C
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD737 AD-AD737_12 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
AD736 AD-AD736_15 Datasheet
480Kb / 20P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
Low Cost, Low Power, True RMS-to-DC Converter
3/2017-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com