Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR246 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR246
Description  OverVoltage Function Fast 1.2MHz Switching Frequency High Efficiency: 85% Typical
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR246 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR246 Datasheet HTML 1Page - Leshan Radio Company LR246 Datasheet HTML 2Page - Leshan Radio Company LR246 Datasheet HTML 3Page - Leshan Radio Company LR246 Datasheet HTML 4Page - Leshan Radio Company LR246 Datasheet HTML 5Page - Leshan Radio Company LR246 Datasheet HTML 6Page - Leshan Radio Company LR246 Datasheet HTML 7Page - Leshan Radio Company LR246 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LR246 White LED Step-Up Converter
OverVoltage Function
Fast 1.2MHz Switching Frequency
Requires Only 0.22uF Output Capacitor
Inherently Matched LED Current
High Efficiency: 85% Typical
2.5V to 10V VIN ranges
Drives Up to Four series LEDs with a Li-lon cell
Uses Very Tiny Inductors
SOT-26 Package
LR246
is
a
step-up
DC/DC
converter
specifically designed to drive white LED with a
constant current. It can drive two,three,or four
LEDS. It switches at 1.2MHz and use tiny
external components. The output capacitor can
be as small as 0.22uF,which can save space
and cost versus alternative solutions. Feedback
voltage is as low as 95mV. Built-in OverVoltage
function.
Absolute maximum ratings
Parameter
symbol
value
unit
Supply Voltage
VIN
10
V
Feedback Voltage
FB
10
V
Switch Voltage
SW
20
V
CE Voltage
VCE
10
V
Operating temperature range
Topr
-25 to +70
Storage temperature range
Rstg
-55 to +150
Junction temperature
Tj
125
Pin name
Description
Symbol
Description
Symbol
1:
Switch
SW
6:Supply
Voltage
VIN
2:GND
GND
5:Over
Voltage
OVP
1
2
3
4
5
6
3:Feedback
FB
4:Start-Up
CE
LESHAN RADIO COMPANY, LTD.
1/8


Similar Part No. - LR246

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LR2401 POLYFET-LR2401 Datasheet
95Kb / 2P
RF POWER LDMOS TRANSISTOR
logo
Seoul Semiconductor
LR240Z SEOUL-LR240Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LR241 SEOUL-LR241 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR241 SEOUL-LR241 Datasheet
360Kb / 13P
CYAN LAMP LED
LR241 SEOUL-LR241 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LR246

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALO15B50 EMERSON-NETWORKPOWER-ALO15B50 Datasheet
88Kb / 2P
High efficiency (96% Typical)
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
Fast switching for high efficiency
logo
Leshan Radio Company
LR256 LRC-LR256 Datasheet
215Kb / 8P
Fast 1.2MHz Switching Frequency Requires Only 0.22uF Output Capacitor
logo
SHANGHAI BELLING CO., L...
BL8041 BELLING-BL8041 Datasheet
623Kb / 4P
High Efficiency 1.2MHz 30V Boost
logo
Maxim Integrated Produc...
MAX17103EVKIT MAXIM-MAX17103EVKIT Datasheet
235Kb / 9P
1.2MHz Step-Up Switching Frequency
Rev 0; 4/09
MAX17100EVKIT MAXIM-MAX17100EVKIT Datasheet
519Kb / 13P
1.2MHz Step-Up Switching Frequency
Rev 0; 7/09
MAX17075EVKIT MAXIM-MAX17075EVKIT Datasheet
168Kb / 7P
1.2MHz Switching Frequency
Rev 0; 12/08
MAX17062EVKIT MAXIM-MAX17062EVKIT Datasheet
131Kb / 7P
1.2MHz Switching Frequency (Selectable: 640kHz or 1.2MHz)
Rev 1; 6/08
MAX17014EVKIT MAXIM-MAX17014EVKIT Datasheet
212Kb / 11P
1.2MHz Switching Frequency (600kHz Selectable)
Rev 0; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com