Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR339 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR339
Description  Low Power Low Offset Voltage Quad Comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR339 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR339 Datasheet HTML 1Page - Leshan Radio Company LR339 Datasheet HTML 2Page - Leshan Radio Company LR339 Datasheet HTML 3Page - Leshan Radio Company LR339 Datasheet HTML 4Page - Leshan Radio Company LR339 Datasheet HTML 5Page - Leshan Radio Company LR339 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
4/6
Figure
7. Normalized Input Offset Voltage
Figure
8. Input Bias Current
Figure
9. Output Sink Current versus
Output Saturation Voltage
T
YPICAL CHARACTERISTICS CURVES
(VCC = 15 Vdc, TA = +25
°C (each comparator) unless otherwise noted.)
TA, AMBIENT TEMPERATURE (°C)
VCC, POWER SUPPLY VOLTAGE (Vdc)
Vsat, OUTPUT SATURATION VOLTAGE (mV)
1.40
1.20
1.00
0.80
0.60
−50
−25
0
25
50
75
100
125
48
42
36
30
24
18
12
6.0
0
0
4.0
8.0
12
16
20
24
28
32
TA = −55° C
TA = +25° C
TA = +125°C
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
100
200
300
400
500
TA = +25° C
TA = −55° C
TA = +125°C
0
LR339



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com