Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR393D Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR393D
Description  Dual Differential Comparators 5.0nA; Low input offset voltage: 5.0mV
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR393D Datasheet(HTML) 1 Page - Leshan Radio Company

  LR393D Datasheet HTML 1Page - Leshan Radio Company LR393D Datasheet HTML 2Page - Leshan Radio Company LR393D Datasheet HTML 3Page - Leshan Radio Company LR393D Datasheet HTML 4Page - Leshan Radio Company LR393D Datasheet HTML 5Page - Leshan Radio Company LR393D Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
1/6
LR393
Dual Differential
Comparators
The LR393 consists of two independent voltage
comparators with an offset voltage specification as low as
2.0mV max. for two comparators which were designed
specifically to operation from a single power supply over a
wide range of voltages. Operate from split power supplies
is also possible,and the low power supply current drain is
independent of the magnitude of the power supply voltage.
These comparators also have a unique characteristic in
that the input common-mode voltage range includes ground,
even though operated from a single power supply voltage.
DESCRIPTION:
DIP-8
SOP-8
FEATURE::
Wide supply voltage range: single supply operation: 2V to 36V, dual supply operation:
1V to
18V
Very low supply current drain (0.8mA) independent of supply voltage(2.0mW/comparator at 5.0 VDC)
Low input biasing current: 25nA
Low input offset current: 5.0nA; Low input offset voltage: 5.0mV
Input common-mode voltage range includes ground
Differential input voltage range equal to the power supply voltage
Output voltage compatible with TTL,DTL,ECL,MOS and CMOS logic systems.
VCC
+ Input
− Input
Output
Q3
R4
Q4
Q5
R2
Q6
Q14
Q16
Q15
Q12
Q11
Q10
Q9
Q8
Q2
Q1
F1
2.0 k
2.1 k
R1
4.6 k
NOTE: Diagram shown is for 1 comparator
PIN CONFIGURATION
(Top View)
GND
Output 2
+
+
1
2
3
4
8
7
6
5
-Input 1
-Input 2
+Input 1
+Input 2
Output 1
Vcc
BLOCK DIAGRAM
Device
Package
LR393
DIP-8
LR393D
SOP-8
ORDERING INFORMATION


Similar Part No. - LR393D

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR393 LRC-LR393_15 Datasheet
163Kb / 6P
Dual Differential Comparators
More results

Similar Description - LR393D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
ON Semiconductor
LM393 ONSEMI-LM393 Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
LM393 ONSEMI-LM393_06 Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
ADDtek Corp
AMC393 ADDTEK-AMC393 Datasheet
136Kb / 8P
LOW OFFSET VOLTAGE DUAL COMPARATORS
JUNE 2006
logo
ON Semiconductor
LM393S ONSEMI-LM393S Datasheet
83Kb / 6P
Low Offset Voltage Dual Comparators
October, 2014 ??Rev. 0
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
ON Semiconductor
LM393 ONSEMI-LM393_16 Datasheet
118Kb / 10P
Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ON Semiconductor
LM393 ONSEMI-LM393_V01 Datasheet
331Kb / 13P
Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com