Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1554 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR1554
Description  L ow Voltage 0.4 Quad SPDT Analog Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1554 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR1554 Datasheet HTML 1Page - Leshan Radio Company LR1554 Datasheet HTML 2Page - Leshan Radio Company LR1554 Datasheet HTML 3Page - Leshan Radio Company LR1554 Datasheet HTML 4Page - Leshan Radio Company LR1554 Datasheet HTML 5Page - Leshan Radio Company LR1554 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Voltage 0.4Ω Quad SPDT Analog Switch
Features
Wide Power Supply Range:1.6V to 4.2V
Low On-Resistance: 0.4Ω (VDD=2.7V)
Low On-Resistance Flatness
-3dB BandWidth: 42 MHz
Fast Switching Speed(VDD=3.3V):
tON: 20ns
tOFF: 10ns
IDD = 300nA @ TA = +25°C
High Off Isolation: -65dB
Crosstalk Rejection: -65dB
Lead(Pb) Free QFN-16 Package(3mmx3mm)
Applications
Wireless Handsets
Portable electronic devices
PDAs
Audio & Video Switching
PCMCIA Cards
Computer Peripherals
Modems
Pin Configuration
COM1
NO1
VDD
NC4
NC2
GND
NO3
COM3
LR
1554
SSSSS
1
2
3
13
12
11
10
9
8
7
6
5
4
14
15
16
Top View
Description
The LR1554 is a quad single-pole double-throw
(SPDT) CMOS switch featuring an On-Resistance of
0.4 ohm at VDD=2.7V and wide power supply range
from 1.6V to 4.2V. It can be used as an analog switch
or low-delay bus switch.
Block Diagram
Function Table
In
Function
0
NC1(NC2) connect to COM1 (COM2)
A0
1
NO1(NO2) connect to COM1 (COM2)
0
NC3(NC4) connect to COM3 (COM4)
A1
1
NO3(NO4) connect to COM3 (COM4)
Pin Description
Pin Name
Type
Description
VDD
PWR
Power Supply
GND
Ground
Ground
COMx
Input/Output
Data Port
NCx
Input/Output
Data Port
NOx
Input/Output
Data Port
Ay
Input
Logic Control Signal
x = 1, 2, 3 or 4; y = 0 or 1
LR1554
Leshan Radio Co ., Ltd
1/6


Similar Part No. - LR1554

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1551 LRC-LR1551 Datasheet
153Kb / 10P
2.7 Low Voltage SPDT Analog Switch in 6-pin SOT363
LR1552 LRC-LR1552 Datasheet
239Kb / 7P
Dual SPDT Analog Switch with Chip Scale Packaging
LR1553 LRC-LR1553 Datasheet
160Kb / 8P
0.6 Low Ron??0MHz High BW SPDT Analog Switch
More results

Similar Description - LR1554

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A3159 PERICOM-PI3A3159 Datasheet
506Kb / 8P
3.0V, SOTiny 0.4??SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
0.4-ohm Low Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
0.4-ohm Low-Voltage Dual SPDT Analog Switch
16-Jan-06
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
0.4廓 Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
0.4廓 Low-Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
logo
ON Semiconductor
NLAS5157 ONSEMI-NLAS5157 Datasheet
140Kb / 8P
Ultra-Low 0.4  SPDT Analog Switch
February, 2009 ??Rev. 1
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
0.4廓 Dual SPDT Analog Switch
logo
AiT Semiconductor Inc.
A4722 AITSEMI-A4722 Datasheet
519Kb / 14P
QUAD SPDT ANALOG SWITCH 0.5 廓L,OW VOLTAGE
REV2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com