Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR8563-21PRB Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR8563-21PRB
Description  Low noise, fast response 300mA LDO regu lator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8563-21PRB Datasheet(HTML) 7 Page - Leshan Radio Company

  LR8563-21PRB Datasheet HTML 1Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 2Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 3Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 4Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 5Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 6Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 7Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 8Page - Leshan Radio Company LR8563-21PRB Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Typical Performance Characteristics
1) Output Voltage vs. Output Current (with
output short protection)
2) Output Voltage vs. Input Voltage
Current limit Vs. Vout
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
200
400
600
800
1000
1200
1400
1600
Iload(mA)
Line Regulation
3.3105
3.3110
3.3115
3.3120
3.3125
3.3130
34
56
VIN(V)
Iload=14(mA)
3) Dropout Voltage vs. Output Current
4) Ripple rejection vs. Frequency
Dropout & Iout
0
20
40
60
80
100
120
140
160
180
0
50
100
150
200
250
300
350
Iout(mA)
Vout=3.3V
PSRR
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Freq(KHz)
Vout=3.3V
Leshan Radio Co ., Ltd
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com