Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4002P Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4002P
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4002P Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4002P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4002P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4002P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4002P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4002P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4002P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% Avalanche Test
BVDSS
600V
▼ Fast Switching Characteristics
RDS(ON)
5Ω
▼ Simple Drive Requirement
ID
2A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
TSTG
℃
TJ
Operating Junction Temperature Range
℃
Thermal Data
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
6.25
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃/W
Data & specifications subject to change without notice
RoHS-compliant Product
201019072-1/4
AP4002S/P
-55 to 150
Parameter
20
Parameter
Rating
600
±30
Storage Temperature Range
-55 to 150
8
20
Linear Derating Factor
0.16
2
2
G
D
S
G
D
S
TO-263(S)
G
D
S
TO-220(P)
Advanced Power MOSFETs from APEC provide the designer with
the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The TO-263 package is widely preferred for commercial-industrial
surface mount applications and suited for power applications.The
through-hole version (AP4002P) are available for low-profile applications.


Similar Part No. - AP4002P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4002H,J A-POWER-AP4002H,J Datasheet
66Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4002H-HF A-POWER-AP4002H-HF Datasheet
66Kb / 5P
Fast Switching Characteristics
logo
SHENZHEN DOINGTER SEMIC...
AP4002H-HF DOINGTER-AP4002H-HF Datasheet
836Kb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Advanced Power Electron...
AP4002H-HF A-POWER-AP4002H-HF Datasheet
67Kb / 4P
Fast Switching Characteristics
AP4002H-HF A-POWER-AP4002H-HF_14 Datasheet
67Kb / 4P
Fast Switching Characteristics
More results

Similar Description - AP4002P

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com