Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD790JRZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD790JRZ
Description  Fast, Precision Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790JRZ Datasheet(HTML) 5 Page - Analog Devices

  AD790JRZ Datasheet HTML 1Page - Analog Devices AD790JRZ Datasheet HTML 2Page - Analog Devices AD790JRZ Datasheet HTML 3Page - Analog Devices AD790JRZ Datasheet HTML 4Page - Analog Devices AD790JRZ Datasheet HTML 5Page - Analog Devices AD790JRZ Datasheet HTML 6Page - Analog Devices AD790JRZ Datasheet HTML 7Page - Analog Devices AD790JRZ Datasheet HTML 8Page - Analog Devices AD790JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Typical Performace Characteristics–AD790
REV. D
–5–
TPC 2. Propagation Delay vs.
Load Capacitance
TPC 5. Propagation Delay vs.
Temperature
TPC 8. Total Supply Current vs.
Temperature
TPC 3. Propagation Delay vs.
Fanout (LSTTL and CMOS)
06
410
0.8
0.7
0.6
0.5
0.4
0.2
0.1
0.3
0.0
28
I SINK – mA
TEMP = +25°C
TPC 6. Output Low Voltage vs.
Sink Current
INPUT
tH
LATCH
tS
OUTPUT
tPD
0
VIH
VIL
VOH
VOL
tS = SETUP TIME
tH = HOLD TIME
tPD = COMPARATOR RESPONSE TIME
Figure 4. Latch Timing
TPC 1. Propagation Delay vs.
Overdrive
TPC 4. Propagation Delay vs.
Source Resistance
06
410
5.0
4.9
4.8
4.7
4.6
4.4
4.3
4.5
4.2
28
TEMP = +25°C
ISOURCE – mA
TPC 7. Output High Voltage vs.
Source Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com