Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7656YSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7656YSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656YSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7656YSTZ Datasheet HTML 15Page - Analog Devices AD7656YSTZ Datasheet HTML 16Page - Analog Devices AD7656YSTZ Datasheet HTML 17Page - Analog Devices AD7656YSTZ Datasheet HTML 18Page - Analog Devices AD7656YSTZ Datasheet HTML 19Page - Analog Devices AD7656YSTZ Datasheet HTML 20Page - Analog Devices AD7656YSTZ Datasheet HTML 21Page - Analog Devices AD7656YSTZ Datasheet HTML 22Page - Analog Devices AD7656YSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD7656/AD7657/AD7658
Rev. D | Page 19 of 32
Figure 19 shows the power supply rejection ratio vs. supply
ripple frequency for the AD7656/AD7657/AD7658.
The power supply rejection ratio is defined as the ratio
of the power in the ADC output at full-scale frequency, f,
to the power of a 200 mV p-p sine wave applied to the
ADC’s VDD and VSS supplies of frequency fS
PSRR (dB) = 10 log (Pf/PfS)
where:
Pf is equal to the power at frequency f in the ADC output.
PfS is equal to the power at frequency fS coupled onto the VDD
and VSS supplies.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of crosstalk
between any two channels. It is measured by applying a full-scale,
100 kHz sine wave signal to all unselected input channels and
determining the degree to which the signal attenuates in the
selected channel with a 30 kHz signal.
% FSR
%FSR is calculated using the full theoretical span of the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com