Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7680ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7680ARMZ
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7680ARMZ Datasheet HTML 15Page - Analog Devices AD7680ARMZ Datasheet HTML 16Page - Analog Devices AD7680ARMZ Datasheet HTML 17Page - Analog Devices AD7680ARMZ Datasheet HTML 18Page - Analog Devices AD7680ARMZ Datasheet HTML 19Page - Analog Devices AD7680ARMZ Datasheet HTML 20Page - Analog Devices AD7680ARMZ Datasheet HTML 21Page - Analog Devices AD7680ARMZ Datasheet HTML 22Page - Analog Devices AD7680ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD7680
Rev. A | Page 19 of 24
APPLICATION HINTS
GROUNDING AND LAYOUT
The printed circuit board that houses the AD7680 should be
designed such that the analog and digital sections are separated
and confined to certain areas of the board. This facilitates the
use of ground planes that can be separated easily. A minimum
etch technique is generally best for ground planes, because it
gives the best shielding. Digital and analog ground planes
should be joined at only one place. If the AD7680 is in a system
where multiple devices require an AGND to DGND
connection, the connection should still be made at one point
only, a star ground point that should be established as close as
possible to the AD7680.
Avoid running digital lines under the device because these
couple noise onto the die. The analog ground plane should be
allowed to run under the AD7680 to avoid noise coupling. The
power supply lines to the AD7680 should use as large a trace as
possible to provide low impedance paths and reduce the effects
of glitches on the power supply line. Fast switching signals, such
as clocks, should be shielded with digital ground to avoid
radiating noise to other sections of the board, and clock signals
should never be run near the analog inputs. Avoid crossover of
digital and analog signals. Traces on opposite sides of the board
should run at right angles to each other, which reduces the
effects of feedthrough on the board. A microstrip technique is
by far the best but is not always possible with a double-sided
board. In this technique, the component side of the board is
dedicated to ground planes while the signals are placed on the
solder side.
Good decoupling is also very important. All analog supplies
should be decoupled with 10 μF tantalum in parallel with
0.1 μF capacitors to AGND, as discussed in the Typical
Connection Diagram section. To achieve the best performance
from these decoupling components, the user should attempt to
keep the distance between the decoupling capacitors and the
VDD and GND pins to a minimum, with short track lengths
connecting the respective pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com