Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8731CSEFL/R Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8731CSEFL/R
Description  Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8731CSEFL/R Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8731CSEFL/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8731CSEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
w
WM8731 / WM8731L
Portable Internet Audio CODEC with Headphone Driver
and Programmable Sample Rates
WOLFSON MICROELECTRONICS plc
Production Data, October 2012, Rev 4.9
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8731 or WM8731L (WM8731/L) are low power
stereo CODECs with an integrated headphone driver. The
WM8731/L is designed specifically for portable MP3 audio
and speech players and recorders. The WM8731 is also
ideal for MD, CD-RW machines and DAT recorders.
Stereo line and mono microphone level audio inputs are
provided, along with a mute function, programmable line
level volume control and a bias voltage output suitable for
an electret type microphone.
Stereo 24-bit multi-bit sigma delta ADCs and DACs are used
with oversampling digital interpolation and decimation filters.
Digital audio input word lengths from 16-32 bits and
sampling rates from 8kHz to 96kHz are supported.
Stereo audio outputs are buffered for driving headphones
from a programmable volume control, line level outputs are
also provided along with anti-thump mute and power
up/down circuitry.
The device is controlled via a 2 or 3 wire serial interface.
The interface provides access to all features including
volume controls, mutes, de-emphasis and extensive power
management facilities. The device is available in a small 28-
lead SSOP package or the smaller 28 lead quad flat
leadless package (QFN).
FEATURES
Highly Efficient Headphone Driver
Audio Performance
-
ADC SNR 90dB (‘A’ weighted) at 3.3V, 85dB at 1.8V
-
DAC SNR 100dB
(‘A’ weighted) at 3.3V, 95dB at 1.8V
Low Power
-
Playback only 22mW, 8mW (‘L’ Variant)
-
Analogue Pass Through 12mW, 3.5mW (‘L’ variant)
-
1.42 – 3.6V Digital Supply Operation
-
2.7 – 3.6V Analogue Supply Operation
-
1.8 – 3.6V Analogue Supply Operation (‘L’ Variant)
ADC and DAC Sampling Frequency: 8kHz – 96kHz
Selectable ADC High Pass Filter
2 or 3-Wire MPU Serial Control Interface
Programmable Audio Data Interface Modes
-
I
2S, Left, Right Justified or DSP
-
16/20/24/32 bit Word Lengths
-
Master or Slave Clocking Mode
Microphone Input and Electret Bias with Side Tone Mixer
Available in 28-lead SSOP or 28-lead QFN package
APPLICATIONS
Portable MP3 Players and Recorders
CD and Minidisc Recorders
PDAs / smartphones
BLOCK DIAGRAM
MUX
MUX
VOL
VOL
ADC
ADC
DIGITAL
FILTERS
DIGTAL AUDIO INTERFACE
CONTROL INTERFACE
DAC
DAC
VOL /
MUTE
VOL /
MUTE
H/P
DRIVER
H/ P
DRIVER
RHPOUT
LHPOUT
ROUT
LOUT
RLINEIN
LLINEIN
VMID
AVDD
AGND
0dB /
20 dB
MICIN
+ 12 to - 34 .5 dB , 1.5 dB
Steps
+6 to - 73 dB
1 dB Steps
HPVDD
HPGND
+6 to - 73 dB
1 dB Steps
OSC
MICBIAS
MUTE
Bypass
Bypass
CLKIN
DIVIDER
( Div x 1 , x 2)
CLKOUT
DIVIDER
( Div x 1 , x2 )
ATTEN /
MUTE
MUTE
MUTE
ATTEN /
MUTE
MUTE
MUTE
MUTE
MUTE
MUTE
+ 12 to - 34 .5dB , 1.5dB
Steps
Side Tone
Side Tone
W
WM8731


Similar Part No. - WM8731CSEFL/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8731 WOLFSON-WM8731 Datasheet
128Kb / 2P
portable digital audio solutions
WM8731 WOLFSON-WM8731 Datasheet
595Kb / 56P
Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
WM8731 WOLFSON-WM8731 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8731EDS WOLFSON-WM8731EDS Datasheet
128Kb / 2P
portable digital audio solutions
WM8731L WOLFSON-WM8731L Datasheet
128Kb / 2P
portable digital audio solutions
More results

Similar Description - WM8731CSEFL/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
WM8731 WOLFSON-WM8731 Datasheet
595Kb / 56P
Portable Internet Audion CODEC with Headphone Driver and Programmable Sample Rates
WM9710 WOLFSON-WM9710 Datasheet
310Kb / 32P
AC97 Audio CODEC and Mixer with Integrated Headphone Driver
logo
List of Unclassifed Man...
AV2722 ETC-AV2722 Datasheet
273Kb / 29P
AUDIO CODEC WITH HEADPHONE DRIVER AND PROGRAMMABLE SAMPLE RATES
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
Internet Audio DAC with Integrated Headphone Driver
WM8731 WOLFSON-WM8731_06 Datasheet
762Kb / 63P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
WM8711 WOLFSON-WM8711_10 Datasheet
498Kb / 47P
Internet Audio DAC with Integrated Headphone Amplifier
WM8711L WOLFSON-WM8711L_11 Datasheet
445Kb / 44P
Internet Audio DAC with Integrated Headphone Amplifier
WM8731 WOLFSON-WM8731_09 Datasheet
814Kb / 64P
Portable Internet Audio CODEC with Headphone Driver and Programmable Sample Rates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com