Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMZ2012S400A Datasheet(PDF) 2 Page - TDK Electronics

Part # MMZ2012S400A
Description  Chip Beads(SMD) For Signal Line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012S400A Datasheet(HTML) 2 Page - TDK Electronics

  MMZ2012S400A Datasheet HTML 1Page - TDK Electronics MMZ2012S400A Datasheet HTML 2Page - TDK Electronics MMZ2012S400A Datasheet HTML 3Page - TDK Electronics MMZ2012S400A Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(2/4)
007-02 / 20090921 / e9412_mmz2012.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
Test temperature: 25±10°C
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ2012R150A
MMZ2012R300A
MMZ2012R600A
MMZ2012R121A
MMZ2012R301A
MMZ2012R601A
Operating/storage
–55 to +125°C
Packaging style
Quantity
Taping
4000 pieces/reel
0.5
±0.3
Weight: 8mg
Dimensions in mm
2
±0.2
1
0.8
0.8
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Part No.
Impedance
(
Ω)±25%
[100MHz]
DC resistance
(
Ω)max.
Rated current
(mA)max.
MMZ2012R150A
15
0.05
1500
MMZ2012R300A
30
0.05
1500
MMZ2012R600A
60
0.1
1000
MMZ2012R121A
120
0.12
800
MMZ2012R301A
300
0.15
600
MMZ2012R601A
600
0.2
500
MMZ2012R102A
1000
0.3
500
MMZ2012S400A
40
0.1
1000
MMZ2012S800A
80
0.1
800
MMZ2012S121A
120
0.15
800
MMZ2012S181A
180
0.15
600
MMZ2012S301A
300
0.2
600
MMZ2012S601A
600
0.3
500
MMZ2012S102A
1000
0.35
500
MMZ2012Y150B
15
0.05
1500
MMZ2012Y300B
30
0.05
1500
MMZ2012Y600B
60
0.1
1000
MMZ2012Y121B
120
0.12
800
MMZ2012Y301B
300
0.15
600
MMZ2012Y601B
600
0.2
500
MMZ2012Y102B
1000
0.3
500
MMZ2012Y152B
1500
0.4
500
MMZ2012Y202B
2000
0.5
400
MMZ2012D800B
80
0.3
500
MMZ2012D121B
120
0.3
500
MMZ2012D301B
300
0.5
400
120
40
20
60
80
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
120
40
20
60
80
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
120
40
20
60
80
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
1000
900
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com