Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLC Datasheet(PDF) 61 Page - STMicroelectronics

Part # LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 57Page - STMicroelectronics LSM330DLC Datasheet HTML 58Page - STMicroelectronics LSM330DLC Datasheet HTML 59Page - STMicroelectronics LSM330DLC Datasheet HTML 60Page - STMicroelectronics LSM330DLC Datasheet HTML 61Page - STMicroelectronics LSM330DLC Datasheet HTML 62Page - STMicroelectronics LSM330DLC Datasheet HTML 63Page - STMicroelectronics LSM330DLC Datasheet HTML 64Page - STMicroelectronics LSM330DLC Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
LSM330DLC
Register descriptions
Doc ID 022162 Rev 2
61/66
8.45
INT1_THS_YL_G (35h)
8.46
INT1_THS_ZH_G (36h)
8.47
INT1_THS_ZL_G (37h)
8.48
INT1_DURATION_G (38h)
D6 - D0 bits set the minimum duration of the interrupt event to be recognized. Duration steps
and maximum values depend on the ODR chosen.
Table 103.
INT1_THS_YL_G register
THSR7
THSY6
THSY5
THSY4
THSY3
THSY2
THSY1
THSY0
Table 104.
INT1_THS_YL_G description
THSY7 - THSY0
Interrupt threshold. Default value: 0000 0000
Table 105.
INT1_THS_ZH_G register
-
THSZ14
THSZ13
THSZ12
THSZ11
THSZ10
THSZ9
THSZ8
Table 106.
INT1_THS_ZH_G description
THSZ14 - THSZ9
Interrupt threshold. Default value: 0000 0000
Table 107.
INT1_THS_ZL_G register
THSZ7
THSZ6
THSZ5
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
Table 108.
INT1_THS_ZL_G description
THSZ7 - THSZ0
Interrupt threshold. Default value: 0000 0000
Table 109.
INT1_DURATION_G register
WAIT
D6
D5
D4
D3
D2
D1
D0
Table 110.
INT1_DURATION_G description
WAIT
WAIT enable. Default value: 0 (0: disable; 1: enable)
D6 - D0
Duration value. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com