Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF102 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPF102
Description  JFET VHF Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPF102 Datasheet(HTML) 2 Page - Motorola, Inc

  MPF102 Datasheet HTML 1Page - Motorola, Inc MPF102 Datasheet HTML 2Page - Motorola, Inc MPF102 Datasheet HTML 3Page - Motorola, Inc MPF102 Datasheet HTML 4Page - Motorola, Inc MPF102 Datasheet HTML 5Page - Motorola, Inc MPF102 Datasheet HTML 6Page - Motorola, Inc MPF102 Datasheet HTML 7Page - Motorola, Inc MPF102 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPF102
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
POWER GAIN
2.0
ID, DRAIN CURRENT (mA)
Figure 1. Effects of Drain Current
4.0
24
8.0
12
16
20
0
4.0
6.0
8.0
10
12
14
f = 100 MHz
400 MHz
Tchannel = 25°C
VDS = 15 Vdc
VGS = 0 V
Figure 2. 100 MHz and 400 MHz Neutralized Test Circuit
*L1
17 turns, (approx. — depends upon circuit layout) AWG #28
enameled copper wire, close wound on 9/32
″ ceramic coil
form. Tuning provided by a powdered iron slug.
*L2
4–1/2 turns, AWG #18 enameled copper wire, 5/16
″ long,
3/8
″ I.D. (AIR CORE).
*L3
3–1/2 turns, AWG #18 enameled copper wire, 1/4
″ long,
3/8
″ I.D. (AIR CORE).
**L1
6 turns, (approx. — depends upon circuit layout) AWG #24
enameled copper wire, close wound on 7/32
″ ceramic coil
form. Tuning provided by an aluminum slug.
**L2
1 turn, AWG #16 enameled copper wire, 3/8
″ I.D.
(AIR CORE).
**L3
1/2 turn, AWG #16 enameled copper wire, 1/4
″ I.D.
(AIR CORE).
Adjust VGS for
ID = 50 mA
VGS < 0 Volts
NOTE:
The noise source is a hot–cold body
(AIL type 70 or equivalent) with a
test receiver (AIL type 136 or equivalent).
Reference
Designation
VALUE
100 MHz
400 MHz
C1
7.0 pF
1.8 pF
C2
1000 pF
17 pF
C3
3.0 pF
1.0 pF
C4
1–12 pF
0.8–8.0 pF
C5
1–12 pF
0.8–8.0 pF
C6
0.0015
µF
0.001
µF
C7
0.0015
µF
0.001
µF
L1
3.0
µH*
0.2
µH**
L2
0.15
µH*
0.03
µH**
L3
0.14
µH*
0.022
µH**
INPUT
TO 50
Ω
SOURCE
NEUTRALIZING
COIL
L1
C5
L3
Rg′
C1
C6
C4
L2
C3
TO 500
Ω
LOAD
CASE
C7
COMMON
ID = 5.0 mA
VGS
VDS
+15 V
C2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com