Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8351ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD8351ARMZ
Description  Low Distortion Differential RF/IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8351ARMZ Datasheet HTML 8Page - Analog Devices AD8351ARMZ Datasheet HTML 9Page - Analog Devices AD8351ARMZ Datasheet HTML 10Page - Analog Devices AD8351ARMZ Datasheet HTML 11Page - Analog Devices AD8351ARMZ Datasheet HTML 12Page - Analog Devices AD8351ARMZ Datasheet HTML 13Page - Analog Devices AD8351ARMZ Datasheet HTML 14Page - Analog Devices AD8351ARMZ Datasheet HTML 15Page - Analog Devices AD8351ARMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. B
AD8351
–15–
Table III. Evaluation Board Configuration Options
Component
Function
Default Condition
P1-1, P1-2,
Supply and Ground Pins.
Not Applicable
VPOS, AGND
P1-3
Common-Mode Offset Pin. Allows for monitoring or adjustment of the
Not Applicable
output common-mode voltage.
W1, R7, P1-4, R17, R18
Device Enable. Configured such that switch W1 disables the device when
W1 = Installed
Pin 1 is set to ground. Device can be disabled remotely using Pin 4 of
R7 = 0
Ω (Size 0603)
header P1.
R17 = R18 = 0
Ω (Size 0603)
R2, R3, R4, R5, R8, R12,
Input Interface. R3 and R12 are used to ground one side of the differential
R2 = R4 = 24.9
Ω (Size 0805)
T1, C4, C5
drive interface for single-ended applications. T1 is a 1-to-1 impedance ratio R3 = Open (Size 0603)
balun used to transform a single-ended input into a balanced differential
R5 = R8 = R12 = 0
Ω
signal. R2 and R4 are used to provide a differential 50
Ω input termination. (Size 0603)
R5 and R8 can be increased to reduce gain peaking when driving from a high C4 = C5 = 10 0 nF (Size 0603)
source impedance. The 50
Ω termination provides an insertion loss of 6 dB. T1 = MacomTM ETC1-1-13
C4 and C5 are used to provide ac coupling.
R9, R10, R11, R13, R14,
Output Interface. R13 and R14 are used to ground one side of the differential
R9 = R10 = 61.9
Ω (Size 0603)
R15, R16, T2, C4, C5,
output interface for single-ended applications. T2 is a 1-to-1 impedance ratio
R11 = 61.9
Ω (Size 0603)
C6, C7
balun used to transform a balanced differential signal into a single-ended
R13 = Open (Size 0603)
signal. R9, R10, and R11 are provided for generic placement of matching
R14 = 0
Ω (Size 0603)
components. R15 and R16 allow additional output series resistance when
R15 = R16 = 0
Ω (Size 0402)
driving capacitive loads. The evaluation board is configured to provide a
C4 = C5 = 100 nF (Size 0603)
150
Ω to 50 Ω impedance transformation with an insertion loss of 9.9 dB.
C6 = C7 = 100 nF (Size 0603)
C4 through C7 are used to provide ac coupling.
T2 = Macom ETC1-1-13
R1
Gain Setting Resistor. Resistor R1 is used to set the gain of the device.
R1 = 100
Ω (Size 0603)
Refer to TPC 2 when selecting gain resistor. When R1 is 100
Ω, the
overall system gain of the evaluation board will be approximately –6 dB.
C2
Power Supply Decoupling. The supply decoupling consists of a 100 nF
C2 = 100 nF (Size 0805)
capacitor to ground.
R6, C3, P1-3
Common-Mode Offset Adjustment. Used to trim common-mode output
R6 = 0
Ω (Size 0603)
level. By applying a voltage to Pin 3 of header P1, the output common-
C3 = 0.1
µF (Size 0805)
mode voltage can be directly adjusted. Typically decoupled to ground
using a 0.1
µF capacitor.
T3, T4, C9, C10
Calibration Networks. Calibration path provided to allow for compensation
T3 = T4 = Macom
of the insertion loss of the baluns and the reactance of the coupling capacitors.
ETC1-1-13
C9 = C10 = 100 nF
(Size 0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com