Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPSD301-B-70L Datasheet(PDF) 23 Page - STMicroelectronics

Part # ZPSD301-B-70L
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70L Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ZPSD301-B-70L Datasheet HTML 19Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 20Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 21Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 22Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 23Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 24Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 25Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 26Page - STMicroelectronics ZPSD301-B-70L Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
20
CS8 / CS9 / C S10
From PAD
To PAD
A16/A17/A18
Latched Address
Input
QD
En
Logic Input
D
E
M
U
X
Address In or
Chip Select Out
Input or Output
Set by PSDsoft
2
PSDsoft
2
Port C I/O
1
(PC0 / P C1/ P C2)
ALE
NOTES: 1. Port C pins can be individually configured as inputs or outputs, but not both. Pins can be individually
configured as address or logic and latched or transparent, except for the 3X1 devices, which must be
set to all address or all logic.
2. PSDsoft sets this configuration prior to run-time based on your PSDsoft design file.
Figure 7. Port C (PC0-PC2) Pin Structure
10.4 Port C (PC0-PC2)
Each pin of Port C (Figure 7) can be configured as an input to PAD A and PAD B, or as an
output from PAD B. As inputs, the pins are referenced as A16-A18. Although the pins are
given this reference, they can be used for any address or logic input. [For example, A8-A10
could be connected to those pins to improve the resolution (boundaries) of CS0-CS7 to 256
bytes.] How they are defined in the PSDsoft design file determines:
• Whether they are address or logic inputs
• Whether the input is transparent or latched by the trailing edge of ALE/AS.
Notes:
1) If the inputs are addresses, they are routed to PAD A and PAD B, and can be used in
any or all PAD equations.
2) A logic input is routed to PAD B and can be used for Boolean equations that are
implemented in any or all of the CS0-CS10 PAD B outputs.
Alternately, PC0-PC2 can become CS8-CS10 outputs, respectively, providing the user with
more external chip-select PAD outputs. Each of the signals (CS8-CS10) is comprised of
one product term.
10.
I/O Port
Functions
(cont.)
10.5 ALE/AS Input Pin
The ALE/AS pin may be used as a generic logic input signal to the PADs if a
non-multiplexed MCU configuration is chosen in PSDsoft.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com