Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZPSD301-B-90LI Datasheet(PDF) 18 Page - STMicroelectronics

Part # ZPSD301-B-90LI
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-90LI Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ZPSD301-B-90LI Datasheet HTML 14Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 15Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 16Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 17Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 18Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 19Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 20Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 21Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
15
PSD3XX Family
10.0
I/O Port
Functions
The PSD3XX has three I/O ports (Ports A, B, and C) that are configurable at the bit level.
This permits great flexibility and a high degree of customization for specific applications.
The next section describes the control registers for the ports. Following that are sections
that describe each port. Figures 5 through 7 show the structure of Ports A through C,
respectively.
Note: any unused input should be connected directly to ground or pulled up to VCC
(using a 10K
Ω to 100KΩ resistor).
10.1 CSIOPORT Registers
Control of the ports is primarily handled through the CSIOPORT registers. There are 24
bytes in the address space, starting at the base address labeled CSIOPORT. Since the
PSD3XX uses internal address lines A15-A8 for decoding, the CSIOPORT space will
occupy 2 Kbytes of memory, on a 2 Kbyte boundary. This resolution can be improved to
reduce wasted address space by connecting lower order address lines (A7 and below)
to Port C. Using this method, resolution down to 256 Kbytes may be achieved. The
CSIOPORT space must be defined in your PSDsoft design file. The following tables list
the registers located in the CSIOPORT space.
16-Bit Users Note
When referring to Table 5B, realize that Ports A and B are still accessible on a byte basis.
Note: When accessing Port B on a 16-bit data bus, BHE must be low.
Table 5A. CSIOPORT Registers for 8-Bit Data Busses
NOTE: 1. ZPSD only.
Offset (in hex)
Type of
from CSIOPORT
Access
Register Name
Base Address
Allowed
Port A Pin Register
+2
Read
Port A Direction Register
+4
Read/Write
Port A Data Register
+6
Read/Write
Port B Pin Register
+3
Read
Port B Direction Register
+5
Read/Write
Port B Data Register
+7
Read/Write
Power Management Register (Note 1)
+10
Read/Write
Page Register
+18
Read/Write
Table 5B. CSIOPORT Registers for 16-Bit Data Busses
NOTE: 1. ZPSD only.
Offset (in hex)
Type of
from CSIOPORT
Access
Register Name
Base Address
Allowed
Port A/B Pin Register
+2
Read
Port A/B Direction Register
+4
Read/Write
Port A/B Data Register
+6
Read/Write
Power Management Register (Note 1)
+10
Read/Write
Page Register
+18
Read/Write
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com