Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2341P Datasheet(PDF) 1 Page - Analog Power

Part # AM2341P
Description  P - Channel 40V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2341P Datasheet(HTML) 1 Page - Analog Power

  AM2341P Datasheet HTML 1Page - Analog Power AM2341P Datasheet HTML 2Page - Analog Power AM2341P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM2341P
Analog Power
August, 2005 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2341_A
These miniature surface mount MOSFETs
utilize High Cell Density process. Low
rDS(on) assures minimal power loss and
conserves energy, making this device ideal
for use in power management circuitry.
Typical applications are lower voltage
application, power management in
portable and battery-powered products
such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
P - Channel 40V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
•
Fast Switch
•
Low Gate Charge
•
Miniature SOT-23 Surface Mount Package
Saves Board Space
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Maximum Units
t <= 5 sec
100
Steady-State
150
THERMAL RESISTANCE RATINGS
Parameter
oC/W
Maximum Junction-to-Ambient
a
RTHJA
D
S
G
VDS (V)
rDS(on) (Ω)ID (A)
0.082 @ VGS = -10 V
-3.2
0.130 @ VGS = -4.5V
-2.6
-40
PRODUCT SUMMARY
Symbol
Ratings Units
VDS
-40
VGS
±20
TA=25
oC± 3.2
TA=70
oC± 2.7
IDM
±10
IS
0.4
A
TA=25
oC1.25
TA=70
oC0.8
TJ, Tstg -55 to 150
oC
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A


Similar Part No. - AM2341P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
N-Channel 40-V (D-S) MOSFET
AM2340NE ANALOGPOWER-AM2340NE Datasheet
178Kb / 3P
N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM2340NE-T1-PF VBSEMI-AM2340NE-T1-PF Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM2342 AITSEMI-AM2342 Datasheet
335Kb / 8P
MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV1.0
AM2342E3R AITSEMI-AM2342E3R Datasheet
335Kb / 8P
MOSFET 20V N-CHANNEL ENHANCEMENT MODE
REV1.0
More results

Similar Description - AM2341P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2345P ANALOGPOWER-AM2345P Datasheet
32Kb / 3P
P - Channel 40V (D-S) MOSFET
AM2345PE ANALOGPOWER-AM2345PE Datasheet
183Kb / 3P
P - Channel 40V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AFC4599S8RG VBSEMI-AFC4599S8RG Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
AFC4599WS8RG VBSEMI-AFC4599WS8RG Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
AM4545C-T1-PF VBSEMI-AM4545C-T1-PF Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
SI4564DY VBSEMI-SI4564DY Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
SP8M21TB VBSEMI-SP8M21TB Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
SPC4527S8RGB VBSEMI-SPC4527S8RGB Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
SSG4542C VBSEMI-SSG4542C Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
SSM4565GM VBSEMI-SSM4565GM Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com