Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF4393 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPF4393
Description  JFETs Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPF4393 Datasheet(HTML) 2 Page - Motorola, Inc

  MPF4393 Datasheet HTML 1Page - Motorola, Inc MPF4393 Datasheet HTML 2Page - Motorola, Inc MPF4393 Datasheet HTML 3Page - Motorola, Inc MPF4393 Datasheet HTML 4Page - Motorola, Inc MPF4393 Datasheet HTML 5Page - Motorola, Inc MPF4393 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPF4392 MPF4393
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
SMALL– SIGNAL CHARACTERISTICS (continued)
Drain–Source “ON” Resistance
(VGS = 0, ID = 0, f = 1.0 kHz)
MPF4392
MPF4393
rds(on)
—
—
—
—
60
100
Ω
Input Capacitance (VGS = 15 Vdc, VDS = 0, f = 1.0 MHz)
Ciss
—
6.0
10
pF
Reverse Transfer Capacitance
(VGS = 12 Vdc, VDS = 0, f = 1.0 MHz)
(VDS = 15 Vdc, ID = 10 mAdc, f = 1.0 MHz)
Crss
—
—
2.5
3.2
3.5
—
pF
SWITCHING CHARACTERISTICS
Rise Time (See Figure 2)
(ID(on) = 6.0 mAdc)
MPF4392
(ID(on) = 3.0 mAdc)
MPF4393
tr
—
—
2.0
2.5
5.0
5.0
ns
Fall Time (See Figure 4)
(VGS(off) = 7.0 Vdc)
MPF4392
(VGS(off) = 5.0 Vdc)
MPF4393
tf
—
—
15
29
20
35
ns
Turn–On Time (See Figures 1 and 2)
(ID(on) = 6.0 mAdc)
MPF4392
(ID(on) = 3.0 mAdc)
MPF4393
ton
—
—
4.0
6.5
15
15
ns
Turn–Off Time (See Figures 3 and 4)
(VGS(off) = 7.0 Vdc)
MPF4392
(VGS(off) = 5.0 Vdc)
MPF4393
toff
—
—
20
37
35
55
ns
Figure 1. Turn–On Delay Time
Figure 2. Rise Time
Figure 3. Turn–Off Delay Time
Figure 4. Fall Time
TYPICAL SWITCHING CHARACTERISTICS
ID, DRAIN CURRENT (mA)
5.0
2.0
20
10
0.5
1.0
3.0
7.0
5.0
1.0
50
100
0.7
2.0
10
20
30
50
200
500
1000
VGS(off) = 7.0 V
= 5.0 V
MPF4392
MPF4393
ID, DRAIN CURRENT (mA)
5.0
2.0
20
10
0.5
1.0
3.0
7.0
5.0
1.0
50
100
0.7
2.0
10
20
30
50
200
500
1000
ID, DRAIN CURRENT (mA)
5.0
2.0
20
10
0.5
1.0
3.0
7.0
5.0
1.0
50
100
0.7
2.0
10
20
30
50
200
500
1000
ID, DRAIN CURRENT (mA)
5.0
2.0
20
10
0.5
1.0
3.0
7.0
5.0
1.0
50
100
0.7
2.0
10
20
30
50
200
500
1000
TJ = 25°C
TJ = 25°C
TJ = 25°C
TJ = 25°C
RK = RD′
RK = 0
RK = RD′
RK = 0
RK = RD′
RK = 0
RK = RD′
RK = 0
VGS(off) = 7.0 V
= 5.0 V
MPF4392
MPF4393
VGS(off) = 7.0 V
= 5.0 V
MPF4392
MPF4393
VGS(off) = 7.0 V
= 5.0 V
MPF4392
MPF4393



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com