Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMB4S Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LMB4S
Description  1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LMB4S Datasheet(HTML) 1 Page - Micro Commercial Components

  LMB4S Datasheet HTML 1Page - Micro Commercial Components LMB4S Datasheet HTML 2Page - Micro Commercial Components LMB4S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LMB2S
THRU
LMB10S
1.0 Amp Single Phase
Glass Passivated
Bridge Rectifier
200 to 1000 Volts
Features
Mechanical Data
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
LMB2S
LB2S
200V
140V
200V
LMB4S
LB4S
400V
280V
400V
LMB6S
LB6S
600V
420V
600V
LMB8S
LB8S
800V
560V
800V
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
0.8 A
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
0.95V
IFM = 0.4A;
TA = 25
OC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
500uA
TA = 25
TA = 125
Typical Thermal
Resistance
RthJA
RthJL
80
/W
25
/W
Note 2
Rating For Fusing
I
2t
3.0A
2s
t<8.30ms
Operating Junction
and Storage
Temperature Range
TJ
TSTG
-55to+150
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
LMBS -1








.197
.205
4.90
5.20

.024
0.6

----
.189
----
4.80

.150
.165
3.80
4.20

----
.209
----
5.30
.236
.252
6.00
6.60

.177
.185
4.30
4.70

.0009
.004
0.02
0.21
C
----
.059
----
1.50
D
.024
.032
0.60
0.80
Revision:
B
20
13/01/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
•
Low Profile: Typical height of 1.4mm
•
High Temperature Soldering Guaranteed:260
oC/10 Second
•
High surge current capability
•
Terminals:Matte tin plated leads, solderable per J-STD-002B
and JESD22-B102D
www.mccsemi.com
1 of 3
O
C
5uA
O
C
O
C
O
C
O
C
TM
Micro Commercial Components
2. Device mounted P.C.B with 0.47x0.47''(12mmx12mm) Copper Pads.
F
E
C
D
B
A
G
H
K
J
L
M
L
.006
.012
0.15
0.30
M
.017
.019
0.25
0.70
0.225"
(5.72mm)
0.060"
(1.5mm)
0.036"
(0.9 mm)
Mounting Pad Layout
LMB10S
LB10S
1000V
700V
1000V
 

(3.2mm)
0.126"
(4.1mm)
0.161"
on aluminum substrate
on glass-epoxy P.C.B
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates


Similar Part No. - LMB4S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LMB4S MCC-LMB4S Datasheet
239Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts
LMB4S MCC-LMB4S Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB4S-TP MCC-LMB4S-TP Datasheet
239Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts
More results

Similar Description - LMB4S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
LMB2S MCC-LMB2S Datasheet
239Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 800 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
GBPC25005 MCC-GBPC25005 Datasheet
173Kb / 3P
25 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
DB101L MCC-DB101L Datasheet
415Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
LMB2S MCC-LMB2S_15 Datasheet
201Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
LMB203S MCC-LMB203S Datasheet
320Kb / 3P
2.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com