Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6599DTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6599DTR
Description  High-voltage resonant controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599DTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6599DTR Datasheet HTML 3Page - STMicroelectronics L6599DTR Datasheet HTML 4Page - STMicroelectronics L6599DTR Datasheet HTML 5Page - STMicroelectronics L6599DTR Datasheet HTML 6Page - STMicroelectronics L6599DTR Datasheet HTML 7Page - STMicroelectronics L6599DTR Datasheet HTML 8Page - STMicroelectronics L6599DTR Datasheet HTML 9Page - STMicroelectronics L6599DTR Datasheet HTML 10Page - STMicroelectronics L6599DTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
L6599
Electrical data
7/36
4
Electrical data
4.1
Maximum ratings
Note:
ESD immunity for pins 14, 15 and 16 is guaranteed up to 900 V
4.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VBOOT
16
Floating supply voltage
-1 to 618
V
VOUT
14
Floating ground voltage
-3 to VBOOT -18
V
dVOUT /dt
14
Floating ground max. slew rate
50
V/ns
VCC
12
IC Supply voltage (ICC ≤ 25 mA)
Self-limited
V
VPFC_STOP
9
Maximum voltage (pin open)
-0.3 to VCC
V
IPFC_STOP
9
Maximum sink current (pin low)
Self-limited
A
VLINEmax
7
Maximum pin voltage (Ipin
≤ 1 mA)
Self-limited
V
IRFmin
4
Maximum source current
2
mA
1 to 6, 8 Analog inputs and outputs
-0.3 to 5
V
Table 4.
Thermal data
Symbol
Description
Value
Unit
RthJA
Max. thermal resistance junction to ambient (DIP16)
80
°C/W
Max. thermal resistance junction to ambient (SO16)
120
TSTG
Storage temperature range
-55 to 150
°C
TJ
Junction operating temperature range
-40 to 150
°C
PTOT
Recommended max. power dissipation @TA = 70 °C (DIP16)
1
W
Recommended max. power dissipation @TA = 50 °C (SO16)
0.83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com