Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD55N4F5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD55N4F5
Description  N-channel 40 V, 7.3 mΩ, 40 A, DPAK STripFET™V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD55N4F5 Datasheet(HTML) 1 Page - STMicroelectronics

  STD55N4F5 Datasheet HTML 1Page - STMicroelectronics STD55N4F5 Datasheet HTML 2Page - STMicroelectronics STD55N4F5 Datasheet HTML 3Page - STMicroelectronics STD55N4F5 Datasheet HTML 4Page - STMicroelectronics STD55N4F5 Datasheet HTML 5Page - STMicroelectronics STD55N4F5 Datasheet HTML 6Page - STMicroelectronics STD55N4F5 Datasheet HTML 7Page - STMicroelectronics STD55N4F5 Datasheet HTML 8Page - STMicroelectronics STD55N4F5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2010
Doc ID 15661 Rev 3
1/13
13
STD55N4F5
N-channel 40 V, 7.3 m
Ω, 40 A, DPAK
STripFET™ V Power MOSFET
Features
■ Standard threshold drive
■ 100% avalanche tested
■ Surface mounting DPAK (TO-252)
Applications
■ Switching applications
– Automotive
Description
The STD55N4F5 is a N-channel STripFETTM V.
This Power MOSFET technology is among the
latest improvements, which have been especially
tailored to achieve very low on-state resistance
providing also one of the best-in-class figure of
merit (FOM).
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STD55N4F5
40 V
< 8.5 m
Ω
55 A
60 W
DPAK
1
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STD55N4F5
55N4F5
DPAK
Tape and reel
www.st.com


Similar Part No. - STD55N4F5

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD55N4F5 DOINGTER-STD55N4F5 Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STD55N4F5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
N-channel 25 V, 0.01 Ω, 40 A, DPAK, IPAK STripFET??V Power MOSFET
23-Sep-2008
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
N-channel 40 V, 8.9 mΩ, 44 A DPAK STripFET™VI DeepGATE??Power MOSFET
25-Oct-2011
logo
ON Semiconductor
NTMYS7D3N04CL ONSEMI-NTMYS7D3N04CL Datasheet
322Kb / 7P
Power MOSFET 40 V, 7.3 m, 52 A, Single N?묬hannel
March, 2019-Rev. 0
NTTFS5C466NL ONSEMI-NTTFS5C466NL Datasheet
184Kb / 6P
MOSFET ??Power, Single, N-Channel 40 V, 7.3 m, 51 A
September, 2019 ??Rev. 4
NVMFS5C466NL ONSEMI-NVMFS5C466NL Datasheet
186Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 ??Rev.0
NVTYS007N04CL ONSEMI-NVTYS007N04CL Datasheet
330Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 7.3 m, 54 A
April, 2021 ??Rev. 0
NVMYS7D3N04CL ONSEMI-NVMYS7D3N04CL Datasheet
340Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 7.3 m, 52 A
July, 2019 - Rev. 0
logo
STMicroelectronics
STK24N4LLF5 STMICROELECTRONICS-STK24N4LLF5 Datasheet
237Kb / 12P
N-channel 40 V, 0.0046 Ω, 24 A, PolarPAK® STripFET™ V Power MOSFET
January 2009
STK32N4LLF5 STMICROELECTRONICS-STK32N4LLF5 Datasheet
238Kb / 12P
N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET™ V Power MOSFET
19-Jan-2009
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com