Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF57N65M5 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STF57N65M5
Description  N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF57N65M5 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STF57N65M5 Datasheet HTML 8Page - STMicroelectronics STF57N65M5 Datasheet HTML 9Page - STMicroelectronics STF57N65M5 Datasheet HTML 10Page - STMicroelectronics STF57N65M5 Datasheet HTML 11Page - STMicroelectronics STF57N65M5 Datasheet HTML 12Page - STMicroelectronics STF57N65M5 Datasheet HTML 13Page - STMicroelectronics STF57N65M5 Datasheet HTML 14Page - STMicroelectronics STF57N65M5 Datasheet HTML 15Page - STMicroelectronics STF57N65M5 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Package mechanical data
STB57N65M5, STF57N65M5, STI57N65M5, STP57N65M5
12/22
Doc ID 022849 Rev 4
Table 9.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D2.5
2.75
E
0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com