Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPIC2113 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPIC2113
Description  HIGH AND LOW SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2113 Datasheet(HTML) 2 Page - Motorola, Inc

  MPIC2113 Datasheet HTML 1Page - Motorola, Inc MPIC2113 Datasheet HTML 2Page - Motorola, Inc MPIC2113 Datasheet HTML 3Page - Motorola, Inc MPIC2113 Datasheet HTML 4Page - Motorola, Inc MPIC2113 Datasheet HTML 5Page - Motorola, Inc MPIC2113 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPIC2113
2
Motorola TMOS Power MOSFET Transistor Device Data
SIMPLIFIED BLOCK DIAGRAM
PULSE
GEN
UV
DETECT
PULSE
FILTER
HV
LEVEL
SHIFT
COM
LO
VCC
VS
VB
HO
R
R
S
Q
VDD
HIN
SD
LIN
VSS
UV
DETECT
DELAY
VDD/VCC
LEVEL
SHIFT
VDD/VCC
LEVEL
SHIFT
R Q
S
R Q
S
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute
voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air
conditions.
Rating
Symbol
Min
Max
Unit
High Side Floating Absolute Voltage
High Side Floating Supply Offset Voltage
High Side Floating Output Voltage
Low Side Fixed Supply Voltage
Low Side Output Voltage
Logic Supply Voltage
Logic Supply Offset Voltage
Logic Input Voltage (HIN, LIN & SD)
VB
VS
VHO
VCC
VLO
VDD
VSS
VIN
–0.3
VB–25
VS–0.3
–0.3
–0.3
–0.3
VCC–25
VSS–0.3
625
VB+0.3
VB+0.3
25
VCC+0.3
VSS+25
VCC+0.3
VDD+0.3
VDC
High Side Floating Absolute Voltage
High Side Floating Supply Offset Voltage
High Side Floating Output Voltage
Low Side Fixed Supply Voltage
Low Side Output Voltage
Logic Supply Voltage
Logic Supply Offset Voltage
Logic Input Voltage (HIN, LIN & SD)
VB
VS
VHO
VCC
VLO
VDD
VSS
VIN
–0.3
VB–25
VS–0.3
–0.3
–0.3
–0.3
VCC–25
VSS–0.3
625
VB+0.3
VB+0.3
25
VCC+0.3
VSS+25
VCC+0.3
VDD+0.3
VDC
High Side Floating Supply Offset Voltage
High Side Floating Output Voltage
Low Side Fixed Supply Voltage
Low Side Output Voltage
Logic Supply Voltage
Logic Supply Offset Voltage
Logic Input Voltage (HIN, LIN & SD)
VS
VHO
VCC
VLO
VDD
VSS
VIN
VB–25
VS–0.3
–0.3
–0.3
–0.3
VCC–25
VSS–0.3
VB+0.3
VB+0.3
25
VCC+0.3
VSS+25
VCC+0.3
VDD+0.3
High Side Floating Output Voltage
Low Side Fixed Supply Voltage
Low Side Output Voltage
Logic Supply Voltage
Logic Supply Offset Voltage
Logic Input Voltage (HIN, LIN & SD)
VHO
VCC
VLO
VDD
VSS
VIN
VS–0.3
–0.3
–0.3
–0.3
VCC–25
VSS–0.3
VB+0.3
25
VCC+0.3
VSS+25
VCC+0.3
VDD+0.3
Low Side Fixed Supply Voltage
Low Side Output Voltage
Logic Supply Voltage
Logic Supply Offset Voltage
Logic Input Voltage (HIN, LIN & SD)
VCC
VLO
VDD
VSS
VIN
–0.3
–0.3
–0.3
VCC–25
VSS–0.3
25
VCC+0.3
VSS+25
VCC+0.3
VDD+0.3
Logic Supply Voltage
Logic Supply Offset Voltage
Logic Input Voltage (HIN, LIN & SD)
LO
VDD
VSS
VIN
–0.3
VCC–25
VSS–0.3
CC+0.3
VSS+25
VCC+0.3
VDD+0.3
Logic Supply Offset Voltage
Logic Input Voltage (HIN, LIN & SD)
DD
VSS
VIN
VCC–25
VSS–0.3
SS+25
VCC+0.3
VDD+0.3
Logic Input Voltage (HIN, LIN & SD)
SS
VIN
CC–25
VSS–0.3
CC+0.3
VDD+0.3
Allowable Offset Supply Voltage Transient
dVS/dt
50
V/ns
*Package Power Dissipation @ TA ≤ +25°C
(14 Lead DIP)
(16 SOIC–WIDE)
PD
1.6
1.25
Watt
Thermal Resistance, Junction to Ambient
(14 Lead DIP)
(16 SOIC–WIDE)
R
θJA
75
100
°C/W
Operating and Storage Temperature
Tj, Tstg
–55
150
°C
Lead Temperature for Soldering Purposes, 10 seconds
TL
260
°C
RECOMMENDED OPERATING CONDITIONS
The Input/Output logic timing Diagram is shown in Figure 1. For proper operation the device should be used within the recommended condi-
tions. The VS and VSS offset ratings are tested with all supplies biased at 15 V differential.
High Side Floating Supply Absolute Voltage
VB
VS+10
VS+20
V
High Side Floating Supply Offset Voltage
VS
Note 1
600
High Side Floating Output Voltage
VHO
VS
VB
Low Side Fixed Supply Voltage
VCC
10
20
Low Side Output Voltage
VLO
0
VCC
Logic Supply Voltage
VDD
VSS+5
VSS+20
Logic Supply Offset Voltage
VSS
–5
5
Logic Input Voltage (HIN, LIN & SD)
VIN
VSS
VDD
Ambient Temperature
TA
–40
125
°C
Note 1: Logic operational for VS of –5 to +600 V. Logic state held for VS of –5 V to –VBS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com