Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP35N65M5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STP35N65M5
Description  N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP35N65M5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP35N65M5 Datasheet HTML 10Page - STMicroelectronics STP35N65M5 Datasheet HTML 11Page - STMicroelectronics STP35N65M5 Datasheet HTML 12Page - STMicroelectronics STP35N65M5 Datasheet HTML 13Page - STMicroelectronics STP35N65M5 Datasheet HTML 14Page - STMicroelectronics STP35N65M5 Datasheet HTML 15Page - STMicroelectronics STP35N65M5 Datasheet HTML 16Page - STMicroelectronics STP35N65M5 Datasheet HTML 17Page - STMicroelectronics STP35N65M5 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Package mechanical data
STB/F/I/P/W35N65M5
14/22
Doc ID 15325 Rev 3
Figure 28.
I²PAK (TO-262) drawing
Table 10.
I²PAK (TO-262) mechanical data
DIM.
mm.
min.
typ
max.
A
4.40
4.60
A1
2.40
2.72
b
0.61
0.88
b1
1.14
1.70
c
0.49
0.70
c2
1.23
1.32
D
8.95
9.35
e
2.40
2.70
e1
4.95
5.15
E
10
10.40
L13
14
L1
3.50
3.93
L2
1.27
1.40
0004982_Rev_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com