Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7891IPFBT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBT
Description  14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7891IPFBT Datasheet HTML 5Page - Texas Instruments ADS7891IPFBT Datasheet HTML 6Page - Texas Instruments ADS7891IPFBT Datasheet HTML 7Page - Texas Instruments ADS7891IPFBT Datasheet HTML 8Page - Texas Instruments ADS7891IPFBT Datasheet HTML 9Page - Texas Instruments ADS7891IPFBT Datasheet HTML 10Page - Texas Instruments ADS7891IPFBT Datasheet HTML 11Page - Texas Instruments ADS7891IPFBT Datasheet HTML 12Page - Texas Instruments ADS7891IPFBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
9
CONVERSION ABORT
The falling edge of CS aborts the conversion while BUSY is high and CONVST is high (see Figure 4). The device
outputs 3F80 (hex) to indicate a conversion abort.
11 1111 1000 0000
td5
CS
CONVST
BUSY
tsu1
RD
D13−D0
Figure 4. Conversion Abort
DATA READ
Two conditions need to be satisfied for a read operation. Data appears on the D13 through D0 pins (with D13
MSB) when both CS and RD are low. Figure 5 and Figure 6 illustrate the device read operation. The bus is
three-stated if any one of the signals is high.
D13−6 & D5−0
D5−0
tw5
CS
CONVST
BUSY
D13−D0
td2
td1 + t(acq)
t(conv)
td11
td6
td7
td9
BYTE
t1
RD
Figure 5. Read Control Via CS and RD
There are two output formats available. Fourteen bit data appears on the bus during a read operation while
BYTE is low. When BYTE is high, the lower byte (D5 through D0 followed by all zeroes) appears on the data
bus with D5 in the MSB. This feature is useful for interfacing with eight bit microprocessors and microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com