Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4871MM Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4871MM
Description  3W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4871MM Datasheet(HTML) 5 Page - Texas Instruments

  LM4871MM Datasheet HTML 1Page - Texas Instruments LM4871MM Datasheet HTML 2Page - Texas Instruments LM4871MM Datasheet HTML 3Page - Texas Instruments LM4871MM Datasheet HTML 4Page - Texas Instruments LM4871MM Datasheet HTML 5Page - Texas Instruments LM4871MM Datasheet HTML 6Page - Texas Instruments LM4871MM Datasheet HTML 7Page - Texas Instruments LM4871MM Datasheet HTML 8Page - Texas Instruments LM4871MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM4871
www.ti.com
SNAS002F – FEBRUARY 2000 – REVISED MAY 2013
Typical Performance Characteristics
NGN Specific Characteristics
LM4871LD THD+N vs Output Power
LM4871LD THD+N vs Frequency
Figure 4.
Figure 5.
LM4871LD THD+N vs Frequency
LM4871LD THD+N vs Output Power
Figure 6.
Figure 7.
LM4871LD Power Dissipation vs Output Power
LM4871LD Power Derating Curve
This curve shows the LM4871LD's thermal dissipation ability at
different ambient temperatures given the exposed-DAP of the part is
soldered to a plane of 1oz. Cu with an area given in the label of each
curve. This label also designates whether the plane exists on the
same (top) layer as the chip, on the bottom layer, or on both layers.
Infinite heatsink and unattached (no heatsink) conditions are also
shown.
Figure 8.
Figure 9.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com