Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5154 Datasheet(PDF) 4 Page - EPCOS

Part # B5154
Description  SAW filter for base station TD-LTE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5154 Datasheet(HTML) 4 Page - EPCOS

  B5154 Datasheet HTML 1Page - EPCOS B5154 Datasheet HTML 2Page - EPCOS B5154 Datasheet HTML 3Page - EPCOS B5154 Datasheet HTML 4Page - EPCOS B5154 Datasheet HTML 5Page - EPCOS B5154 Datasheet HTML 6Page - EPCOS B5154 Datasheet HTML 7Page - EPCOS B5154 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
August 30, 2012
B5154
2595.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
2570 ... 2620MHz
PIN
22
dBm
CW signal, 1 minute at 85˚C
10
dBm
CW signal, 100,000hrs at 85˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com