Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB464APIK Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KB464APIK
Description  KB464APIK (KLB-521 P) is a high bright pink color LED, which has a blue LED chip and is encapsulated by epoxy mixed with phosphor.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KB464APIK Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KB464APIK Datasheet HTML 1Page - KODENSHI_AUK CORP. KB464APIK Datasheet HTML 2Page - KODENSHI_AUK CORP. KB464APIK Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AUK CORP.
KB464APIK (KLB-521 P)
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.O date: 08-AUG-11
AUK-LDM-001(A)
1. Descriptions
KB464APIK (KLB-521 P) is a high bright pink color LED, which has a blue LED chip and
is encapsulated by epoxy mixed with phosphor.
2. Features
Transparent epoxy lens
High Optical Output
Typical Luminous Intensity(IV)
: 800mcd for Pink @ IF=20mA
3. Application
Display
Indicator
Signage
Amusement
4. Outline Dimensions and Material Descriptions
Outline Dimensions


Similar Part No. - KB464APIK

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB464AB45 KODENSHI-KB464AB45 Datasheet
264Kb / 3P
KB464AB45 (KLB-521 B) is a high bright InGaN blue LED and has the optimized optical characteristics.
KB464AG52 KODENSHI-KB464AG52 Datasheet
274Kb / 3P
KB464AG52 (KLB-521 G) is a high bright InGaP Green LED and has the optimized optical characteristics.
KB464AO60 KODENSHI-KB464AO60 Datasheet
279Kb / 4P
KB464AO60 (KLB-521 O) is a high bright AlInGaP orange LED and has the optimized optical characteristics. Technology : AlInGaP
KB464AR61 KODENSHI-KB464AR61 Datasheet
273Kb / 3P
KB464AR61 (KLB-521 R) is a high bright AlInGaP red LED and has the optimized optical characteristics.
More results

Similar Description - KB464APIK

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KB4647O60 KODENSHI-KB4647O60 Datasheet
236Kb / 3P
KB4647O60 (KLB-520 O-08-T) is a high bright AlInGaP orange LED and has the optimized optical characteristics.
KB464AB45 KODENSHI-KB464AB45 Datasheet
264Kb / 3P
KB464AB45 (KLB-521 B) is a high bright InGaN blue LED and has the optimized optical characteristics.
KB464AG52 KODENSHI-KB464AG52 Datasheet
274Kb / 3P
KB464AG52 (KLB-521 G) is a high bright InGaP Green LED and has the optimized optical characteristics.
KB464AO60 KODENSHI-KB464AO60 Datasheet
279Kb / 4P
KB464AO60 (KLB-521 O) is a high bright AlInGaP orange LED and has the optimized optical characteristics. Technology : AlInGaP
KB464AR61 KODENSHI-KB464AR61 Datasheet
273Kb / 3P
KB464AR61 (KLB-521 R) is a high bright AlInGaP red LED and has the optimized optical characteristics.
KB4647R62 KODENSHI-KB4647R62 Datasheet
171Kb / 3P
KB4647R62 (KLB-520 R-08-T) is a high bright AlInGaP red LED and has the optimized optical characteristics.
KB4647B45 KODENSHI-KB4647B45 Datasheet
238Kb / 3P
KB4647B45 (KLB-520 B-08-T) is a high bright InGaN blue LED and has the optimized optical characteristics.
KB521P KODENSHI-KB521P Datasheet
274Kb / 3P
high bright pink color LED
logo
SHENZHEN REFOND OPTOELE...
RF-A1E30-W5SE-A9 REFOND-RF-A1E30-W5SE-A9 Datasheet
1Mb / 22P
The White LED, which was fabricated by using a blue chip and the phosphor.
RF-BW0402DS-DD-B REFOND-RF-BW0402DS-DD-B Datasheet
1Mb / 22P
The White LED which was fabricated by using a blue chip and the phosphor.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com