Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1069 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B1069
Description  Desoldering Tool
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B1069 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B1069 Datasheet HTML 1Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 2Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 3Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 4Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 5Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 6Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 7Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 8Page - List of Unclassifed Manufacturers B1069 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Station
4
Temperature Control Knob
Provides nozzle temperature con-
trol. (refer to p.7)
Temperature Control Set
Screw Clamp
Prevents the temperature con-
trol knob from being reset.
(refer to p.7)
Vacuum Outlet Cap
Set the ceramic paper filter (S) (No.
A1009).
Connects with the hose. Filter inside
vacuum outlet cap is expendable.
Receptacle
Connector for the cord
assembly.
Power Lamp
Lights up when the
power switch is
turned to ON.
Power Switch
When turned to ON, the
heating element starts
to heat up.
CAL (Calibration)
Used for calibrating
the temperature after
replacing the heating
element.
Power Cord
Fuse Holder
• 100, 110V unit
contain 125V-2A fuse.
• 120V unit contains
250V-2A (U) fuse.
• 220, 230V unit contain
250V-1A fuse.
• Australian 240V unit
contains 250V-1AS
fuse.
Female Connector
Supplier inlet compresser air
Tapered screw; PT 1/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com