Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4502CE Datasheet(PDF) 1 Page - Analog Power

Part # AM4502CE
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4502CE Datasheet(HTML) 1 Page - Analog Power

  AM4502CE Datasheet HTML 1Page - Analog Power AM4502CE Datasheet HTML 2Page - Analog Power AM4502CE Datasheet HTML 3Page - Analog Power AM4502CE Datasheet HTML 4Page - Analog Power AM4502CE Datasheet HTML 5Page - Analog Power AM4502CE Datasheet HTML 6Page - Analog Power AM4502CE Datasheet HTML 7Page - Analog Power AM4502CE Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
AM4502CE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4502CE_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
Symbol
Maximum
Units
t <= 10 sec
62.5
oC/W
Steady State
110
oC/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
RθJA
P & N-Channel 30-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
SOIC-8 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol N-Channel P-Channel Units
VDS
30
-30
VGS
20
-25
TA=25
oC
10
-8.5
TA=70
oC
8.1
-6.8
IDM
±50
±50
IS
2.3
-2.1
A
TA=25
oC
2.1
2.1
TA=70
oC1.3
1.3
TJ, Tstg
-55 to 150
oC
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
VDS (V)
rDS(on) m(Ω)ID (A)
20 @ VGS = 4.5V
8.4
16 @ VGS = 10V
10.0
33 @ VGS = -4.5V
-6.8
23 @ VGS = -10V
-8.5
30
PRODUCT SUMMARY
-30
ESD Protected
2000V
D
2
P-Channel MOSFET
D
1
G
1
N-Channel MOSFET
S
1
G
1
S
2
G
2
1
2
3
4
SOIC-8
Top View
D
1
D
1
D
2
D
2
8
7
6
5
S
1
G
2
S
2


Similar Part No. - AM4502CE

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4502C-T1-PF VBSEMI-AM4502C-T1-PF Datasheet
1Mb / 13P
N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - AM4502CE

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4536C ANALOGPOWER-AM4536C Datasheet
90Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AM4502C ANALOGPOWER-AM4502C Datasheet
500Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM4512CE ANALOGPOWER-AM4512CE Datasheet
266Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
AM4528C ANALOGPOWER-AM4528C Datasheet
170Kb / 4P
P & N-Channel 30-V (D-S) MOSFET
AM7530C ANALOGPOWER-AM7530C Datasheet
109Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AMD534CE ANALOGPOWER-AMD534CE Datasheet
191Kb / 3P
P & N-Channel 30-V (D-S) MOSFET
AM3530C ANALOGPOWER-AM3530C Datasheet
565Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM3599CE ANALOGPOWER-AM3599CE Datasheet
402Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
AM4532C ANALOGPOWER-AM4532C Datasheet
410Kb / 7P
N & P-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LNP4606T1G LRC-LNP4606T1G Datasheet
829Kb / 7P
P & N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com