Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4530C Datasheet(PDF) 1 Page - Analog Power

Part # AM4530C
Description  P & N-Channel 32-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4530C Datasheet(HTML) 1 Page - Analog Power

  AM4530C Datasheet HTML 1Page - Analog Power AM4530C Datasheet HTML 2Page - Analog Power AM4530C Datasheet HTML 3Page - Analog Power AM4530C Datasheet HTML 4Page - Analog Power AM4530C Datasheet HTML 5Page - Analog Power AM4530C Datasheet HTML 6Page - Analog Power AM4530C Datasheet HTML 7Page - Analog Power AM4530C Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
AM4530C
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4530_I
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) m(Ω)ID (A)
82 @ VGS = 4.5V
4.2
50 @ VGS = 10V
5.3
80 @ VGS = -4.5V
-4.2
52 @ VGS = -10V
-5.2
30
PRODUCT SUMMARY
-30
P & N-Channel 32-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
SOIC-8 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
1
2
3
4
7
8
5
6
Symbol N-Channel P-Channel Units
VDS
30
-30
VGS
±20
±20
TA=25
oC
5.3
-5.2
TA=70
oC4.2
-4.1
IDM
20
-20
IS
1.3
-1.3
A
TA=25
oC
2.1
2.1
TA=70
oC1.3
1.3
TJ, Tstg
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
-55 to 150
Symbol
Maximum Units
t <= 10 sec
62.5
oC/W
Steady-State
110
oC/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
RθJA


Similar Part No. - AM4530C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4530C DOINGTER-AM4530C Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
logo
Analog Power
AM4530CE ANALOGPOWER-AM4530CE Datasheet
212Kb / 3P
P & N-Channel 32-V (D-S) MOSFET
More results

Similar Description - AM4530C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7510C ANALOGPOWER-AM7510C Datasheet
506Kb / 7P
N & P-Channel 100-V (D-S) MOSFET
AM3599C ANALOGPOWER-AM3599C Datasheet
223Kb / 7P
N & P-Channel 32-V (D-S) MOSFET
AM4502CE ANALOGPOWER-AM4502CE Datasheet
319Kb / 8P
P & N-Channel 30-V (D-S) MOSFET
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
P & N-Channel 20-V (D-S) MOSFET
AM4530CE ANALOGPOWER-AM4530CE Datasheet
212Kb / 3P
P & N-Channel 32-V (D-S) MOSFET
AM8958C ANALOGPOWER-AM8958C Datasheet
243Kb / 8P
P & N-Channel 32-V (D-S) MOSFET
AM20P03-60D ANALOGPOWER-AM20P03-60D Datasheet
146Kb / 3P
P-Channel 32-V (D-S) MOSFET
AMD540CE ANALOGPOWER-AMD540CE Datasheet
372Kb / 7P
P & N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com