Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4962NE Datasheet(PDF) 1 Page - Analog Power

Part # AM4962NE
Description  N-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4962NE Datasheet(HTML) 1 Page - Analog Power

  AM4962NE Datasheet HTML 1Page - Analog Power AM4962NE Datasheet HTML 2Page - Analog Power AM4962NE Datasheet HTML 3Page - Analog Power AM4962NE Datasheet HTML 4Page - Analog Power AM4962NE Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AM4962NE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4962NE_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) m(Ω)ID (A)
35 @ VGS = 10V
±6.4
45 @ VGS = 4.5V
±5.6
PRODUCT SUMMARY
60
N-Channel 60-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
SOIC-8 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Limit
Units
VDS
60
VGS
±20
TA=25
oC±6.4
TA=70
oC±5.2
IDM
±40
IS
2
A
TA=25
oC2.1
TA=70
oC1.3
TJ, Tstg -55 to 150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Symbol
Maximum
Units
t <= 10 sec
62.5
oC/W
Steady State
110
oC/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
RθJA
SOIC-8
Top View
G1
S1
S2
1
2
3
4
G2
D1
D1
D2
8
7
6
5
D2
D
2
G
2
N-Channel
MOSFET
S
2
D
1
G
1
N-Channel
MOSFET
S
1


Similar Part No. - AM4962NE

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Rev 1
logo
BCD Semiconductor Manuf...
AM4962GH-G1 BCDSEMI-AM4962GH-G1 Datasheet
126Kb / 3P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962GH-G1 BCDSEMI-AM4962GH-G1 Datasheet
380Kb / 16P
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

Similar Description - AM4962NE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI1022R-T1 VISHAY-SI1022R-T1 Datasheet
156Kb / 8P
N-Channel 60 V (D-S) MOSFET
22-Nov-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com