Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4990N Datasheet(PDF) 1 Page - Analog Power

Part # AM4990N
Description  Dual N-Channel 100-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4990N Datasheet(HTML) 1 Page - Analog Power

  AM4990N Datasheet HTML 1Page - Analog Power AM4990N Datasheet HTML 2Page - Analog Power AM4990N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM4990N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4990_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) m(Ω)ID (A)
81 @ VGS = 10V
4.2
92 @ VGS = 4.5V
4.0
PRODUCT SUMMARY
100
Dual N-Channel 100-V (D-S) MOSFET
•Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
SOIC-8 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
1
2
3
4
7
8
5
6
Symbol
Limit
Units
VDS
100
VGS
±20
TA=25
oC10
TA=70
oC8.2
IDM
±50
IS
2.3
A
TA=25
oC2.1
TA=70
oC1.3
TJ, Tstg -55 to 150
oC
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Symbol
Maximum
Units
Maximum Junction-to-Case
a
t <= 5 sec
RθJC
40
oC/W
Maximum Junction-to-Ambient
a
t <= 5 sec
RθJA
60
oC/W
THERMAL RESISTANCE RATINGS
Parameter


Similar Part No. - AM4990N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4990NE ANALOGPOWER-AM4990NE Datasheet
368Kb / 5P
Dual N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AM4990N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4982DY VISHAY-SI4982DY Datasheet
40Kb / 4P
Dual N-Channel 100-V (D-S) MOSFET
26-May-03
SI7922DN VISHAY-SI7922DN Datasheet
240Kb / 3P
Dual N-Channel 100-V (D-S) MOSFET
20-Feb-06
SI7942DP VISHAY-SI7942DP Datasheet
89Kb / 6P
Dual N-Channel 100-V (D-S) MOSFET
03-Mar-03
SI7942DP VISHAY-SI7942DP_06 Datasheet
206Kb / 4P
Dual N-Channel 100-V (D-S) MOSFET
27-Feb-06
SIS990DN VISHAY-SIS990DN Datasheet
568Kb / 13P
Dual N-Channel 100 V (D-S) MOSFET
12-Aug-13
SI5980DU VISHAY-SI5980DU Datasheet
118Kb / 7P
Dual N-Channel 100-V (D-S) MOSFET
11-Jan-10
SIS990DN VISHAY-SIS990DN_V01 Datasheet
571Kb / 13P
Dual N-Channel 100 V (D-S) MOSFET
12-Aug-13
SI7252DP VISHAY-SI7252DP_V01 Datasheet
382Kb / 13P
Dual N-Channel 100 V (D-S) MOSFET
20-Feb-17
logo
VBsemi Electronics Co.,...
VBA3104N VBSEMI-VBA3104N Datasheet
745Kb / 9P
Dual N-Channel 100 V (D-S) MOSFET
VBA3108N VBSEMI-VBA3108N Datasheet
654Kb / 9P
Dual N-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com