Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMUSIC2 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # VMUSIC2
Description  BINDING USB TECHNOLOGIES Vinculum VNC1L Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC2 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  VMUSIC2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VMusic2 Vinculum VNC1L Module
Datasheet Version 0.98
© Future Technology Devices International Ltd. 2007
Page 
1.2 Features
�ses F.T.D.I.�s VNC1L�1�� em�edded ���� host controller I.C. device com�ined with VL�I V�100�� I.C. �or music
�ses F.T.D.I.�s VNC1L�1�� em�edded ���� host controller I.C. device com�ined with VL�I V�100�� I.C. �or music
play�ack.
���� ���� type socket to connect ���� Flash disk.
���� ���� type socket to connect ���� Flash disk.
�tereo ��.�mm headphone �ack socket �or audio play�ack
�tereo ��.�mm headphone �ack socket �or audio play�ack
��udio line�out connector �or audio play�ack
��udio line�out connector �or audio play�ack
�nly �our signals to connect�� e�cluding power and ground.
�nly �our signals to connect�� e�cluding power and ground.
�umper selecta�le ����T or ��I inter�aces.
�umper selecta�le ����T or ��I inter�aces.
�ingle �V supply input.
�ingle �V supply input.
�������� ���������� ����
����������������������
���� �������� ���������� ����� ��������� ��� ���������� ����
�����������������������������������������������������
����g�������p�������������v���SBF���h���k��v����R������������
�NC1����������p��g��������g��������p�����ROG#���R�S��#b���gh����������������j���p������������
(only accessi�le on internal module �C��)
VMusic2 is a ����ree�� �oH� complaint development module.
S��h����������� ��� ��������� ����� �v����b�� ��� �������� ����� �h�
S��h�����������������������������v����b�������������������h�Vinculum we�site.
1. Introduction and Features
1.1 Introduction
The VMusic2 module is a product which not only lets you add USB Flash disk interfacing to your product, but also
allows you to play back MP3 and other popular digital music formats directly from a USB flash disk. Only four signal
lines plus 5V supply and ground are required to be connected. Extensions to the Vinculum VDAP command set allow
you to play a selected file, as well as control the volume, balance, etc. of the sound channel, and monitor the status
of the file being played. The Vinculum VDAP firmware also allows the VNC1L’s I/O interface to be selected between
the serial UART or SPI using on-board jumper pins. The VMusic2 is ideal for adding MP3 playbackfrom USB drive
capabillity to home entertainment and in-car audio systems, as well as other appliances requiring audio playback
capabillity from USB Flash disks. Not only is the VDrive2 ideal for evaluation and development of VNC1L designs,
but also its neat enclosure and attractive quantity discount structure makes this module suitable for incorporation into
finished product designs.
The Vinculum VNC1L is the first of F.T.D.I.’s Vinculum family of Embedded SoC USB host controller integrated circuit
devices. Not only is it able to handle the USB Host Interface, and data transfer functions but owing to the inbuilt MCU
and embedded Flash memory, Vinculum can encapsulate the USB device classes as well. When interfacing to mass
storage devices such as USB Flash drives, Vinculum also transparently handles the FAT file structure communicating
via UART, SPI or parallel FIFO interfaces via a simple to implement command set. Vinculum provides a new cost
effective solution for providing USB Host capability into products that previously did not have the hardware resources
available.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com